전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7440680100 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7440680100
상세설명  POWER-CHOKE WE-TPC 8012
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7440680100 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7440680100 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440680100 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7440680100 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
4,00 ± 0,1
mm
B
12,00 ± 0,1
mm
C
16,0 ± 0,3
mm
a
178,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
50,00 ± 1,0
mm
ME
09-04-21
Name
Datum / date
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
SPEICHERDROSSEL WE-TPC 8012
POWER-CHOKE WE-TPC 8012
DATUM / DATE : 2009-04-21
Artikelnummer / part number :
7440680100
Spezifikation für Freigabe / specification for release
Kunde / customer :
Änderung / modification
Version 1
A
B
C
Ø c
a
d
b
no component /
200 mm min.
components
no components /
400 mm min.
End
Start
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if
there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every
electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
XXX
XXX
Ø c
a
d
b
SEITE 3 VON 3


유사한 부품 번호 - 7440680100

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7440680100 WURTH-7440680100_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

유사한 설명 - 7440680100

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7440680120 WURTH-7440680120 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680033 WURTH-7440680033 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680220 WURTH-7440680220 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680017 WURTH-7440680017 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680027 WURTH-7440680027 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680056 WURTH-7440680056 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680180 WURTH-7440680180 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680047 WURTH-7440680047 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680010 WURTH-7440680010 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
7440680150 WURTH-7440680150 Datasheet
180Kb / 3P
   POWER-CHOKE WE-TPC 8012
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com