전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA00CC0WCP-TR 데이터시트(PDF) 2 Page - Rohm

부품명 BA00CC0WCP-TR
상세설명  2A/1A Variable Output LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WCP-TR 데이터시트(HTML) 2 Page - Rohm

  BA00CC0WCP-TR Datasheet HTML 1Page - Rohm BA00CC0WCP-TR Datasheet HTML 2Page - Rohm BA00CC0WCP-TR Datasheet HTML 3Page - Rohm BA00CC0WCP-TR Datasheet HTML 4Page - Rohm BA00CC0WCP-TR Datasheet HTML 5Page - Rohm BA00CC0WCP-TR Datasheet HTML 6Page - Rohm BA00CC0WCP-TR Datasheet HTML 7Page - Rohm BA00CC0WCP-TR Datasheet HTML 8Page - Rohm BA00CC0WCP-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Datasheet
2/17
BA00DD0xx series
BA00CC0xx series
TSZ02201-0R6R0A600080-1-2
25.July.2013 Rev.002
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
●Block Diagrams / Pin Configurations / Pin Descriptions
[BA00CC0WFP]
[BA00DD0WHFP]
TOP VIEW
TO252-5
HRP5
PINNo.
Symbol
Function
1
CTL
Output voltage ON / OFF control
2
VCC
Power supply voltage input
3
N.C./GND
Unconnected terminal/GND*
4
OUT
Voltage output
5
C
Output voltage regulation terminal
FIN
GND
GND
[BA00CC0WT] [BA00CC0CP-V5] [BA00DD0WCP-V5] [BA00DD0WCP-V5]
TOP VIEW
TO220FP-5
TO220FP-5(V5)
PINNo. Symbol
Function
1
CTL
Output voltage ON/OFF control
2
VCC
Power supply voltage input
3
GND
GND
4
OUT
Voltage output
5
ADJ
Output voltage regulation terminal
TO220CP-V5
1 2 3 4 5
FIN
1 2 3 4 5
1 2 3 45
1 2 3 45
*TO252-5 is N.C., and HRP5 is GND
12 3 4 5
22
μF
0.33
μF
VOUT
C(ADJ)
+
GND
Vcc
CTL
R1
R2
Driver
TSD
OCP
Vref
3
1
5
2
4
OVP
22
μF
0.33
μF
VOUT
C(ADJ)
+
GND
Vcc
CTL
R1
R2
Driver
3
TSD
OCP
Vref
N.C.(TO252-5)
GND(HRP5)
Fin
1
5
2
4
OVP
3


유사한 부품 번호 - BA00CC0WCP-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
362Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch(Adustable Voltage)
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WCP-V5E2 ROHM-BA00CC0WCP-V5E2 Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
More results

유사한 설명 - BA00CC0WCP-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com