전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS33 데이터시트(PDF) 6 Page - Orister Corporation

부품명 SS33
상세설명  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ORISTER [Orister Corporation]
홈페이지  http://www.orister.com
Logo ORISTER - Orister Corporation

SS33 데이터시트(HTML) 6 Page - Orister Corporation

Back Button SS33 Datasheet HTML 2Page - Orister Corporation SS33 Datasheet HTML 3Page - Orister Corporation SS33 Datasheet HTML 4Page - Orister Corporation SS33 Datasheet HTML 5Page - Orister Corporation SS33 Datasheet HTML 6Page - Orister Corporation SS33 Datasheet HTML 7Page - Orister Corporation SS33 Datasheet HTML 8Page - Orister Corporation SS33 Datasheet HTML 9Page - Orister Corporation SS33 Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page No. : 6/10
DS‐RS6516‐05    February, 2010 
www.Orister.com
The selected inductance rather than the core size for a fixed inductor value is the key for actual core loss. As the inductance 
increases,  core  losses  decrease.  Unfortunately,  increase  of  the  inductance  requires  more  turns  of  wire  and  therefore  the 
copper losses will increase. 
 
Ferrite designs are preferred at high switching frequency due to the characteristics of very low core losses. So, design goals 
can focus on the reduction of copper loss and the saturation prevention. 
 
Ferrite  core  material  saturates  “hard”,  which  means  that  inductance  collapses  abruptly  when  the  peak  design  current  is 
exceeded.  The  previous  situation  results  in  an  abrupt  increase  in  inductor  ripple  current  and  consequent  output  voltage 
ripple. 
 
Do  not  allow  the  core  to  saturate!  Different  core  materials  and  shapes  will  change  the  size/  current  and  price/current 
relationship of an inductor. 
 
Toroid or shielded pot cores in ferrite or permalloy materials are small and do not radiate energy. However, they are usually 
more expensive than the similar powdered iron inductors. The rule for inductor choice mainly depends on the price vs. size 
requirement and any radiated field/EMI requirements. 
 
CIN and COUT Selection 
The input capacitance, CIN, is needed to filter the trapezoidal current at the source of the high side MOSFET. To prevent large 
ripple current, a low ESR input capacitor sized for the maximum RMS current should be used. The RMS current is given by: 
 
1
V
V
V
V
I
I
OUT
IN
IN
OUT
MAX
OUT
RMS
=
)
(
 
 
This formula has a maximum at VIN = 2VOUT, where IRMS = IOUT/2. This simple worst‐case condition is commonly used for design 
because even significant deviations do not offer much relief. 
 
Choose a capacitor rated at a higher temperature than required. Several capacitors may also be paralleled to meet size or 
height requirements in the design. 
 
For the input capacitor, a 10μF x 2 low ESR ceramic capacitor is recommended. For the recommended capacitor, please refer 
to table 3 for more detail. The selection of COUT is determined by the required ESR to minimize voltage ripple. 
 
Moreover,  the  amount  of  bulk  capacitance  is  also  a  key  for  COUT  selection  to  ensure  that  the  control  loop  is  stable.  Loop 
stability can be checked by viewing the load transient response as described in a later section. The output ripple, ΔVOUT , is 
determined by: 
 
⎥⎦
⎢⎣
+
Δ
Δ
OUT
L
OUT
fC
8
1
ESR
I
V
 
 
The  output  ripple  will  be  highest  at  the  maximum  input voltage  since ΔIL increases with input voltage. Multiple capacitors 
placed in parallel may be needed to meet the ESR and RMS current handling requirement. Dry tantalum, special polymer, 
aluminum electrolytic and ceramic capacitors are all available in surface mount packages. Special polymer capacitors offer 
very low ESR value. However, it provides lower capacitance density than other types. Although Tantalum capacitors have the 
highest  capacitance  density, it  is  important  to  only  use  types  that  pass the  surge  test for  use  in  switching power  supplies. 
Aluminum  electrolytic  capacitors  have  significantly  higher  ESR.  However,  it  can  be  used  in  cost‐sensitive  applications  for 
ripple current rating and long term reliability considerations. Ceramic capacitors have excellent low ESR characteristics but 
can have a high voltage coefficient and audible piezoelectric effects. The high Q of ceramic capacitors with trace inductance 
can also lead to significant ringing. 
 
Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their high ripple current, high 
voltage rating and low ESR make them ideal for switching regulator applications. However, care must be taken when these 
capacitors are used at input and output. When a ceramic capacitor is used at the input and the power is supplied by a wall 
adapter through long wires, a load step at the output can induce ringing at the input, VIN. At best, this ringing can couple to 
the output and be mistaken as loop instability. At worst, a sudden inrush of current through the long wires can potentially 
cause a voltage spike at VIN large enough to damage the part. 


유사한 부품 번호 - SS33

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
SS33 ZOWIE-SS33 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Yint Electroni...
SS33 YINT-SS33 Datasheet
453Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SS33 FORMOSA-SS33 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS33 BILIN-SS33 Datasheet
86Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SS33 DAESAN-SS33 Datasheet
284Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SS33

제조업체부품명데이터시트상세설명
logo
Orister Corporation
RS6515 ORISTER-RS6515 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
   2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com