전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0453-000E 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0453-000E
상세설명  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0453-000E 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0453-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Ordering Information
HCPL-4502 and HCPL-4503, HCPL-0452, HCPL-0453 are UL Recognized with 3750 V
rms for 1 minute per UL1577.
HCNW4502 and HCNW4503 are UL Recognized with 5000 V
rms for 1 minute per UL1577. All devices isted above are ap-
proved under CSA Component Acceptance Notice #5, File CA 88324.
Part number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
UL 5000 V
rms/
1 Minute rating
IEC/EN/DIN
EN 60747-5-5 Quantity
RoHS
Compliant
Non RoHS
Compliant
HCPL-4502
HCPL-4503
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
#320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-0452
HCPL-0453
-000E
No option
SO-8
100 per tube
-500E
#500
X
X
X
1500 per reel
-060E
#060
X
100 per tube
-560E
#560
X
X
X
X
1500 per reel
HCNW4502
HCNW4503
-000E
No option
400mil
Widebody
DIP-8
X
X
42 per tube
-300E
#300
X
X
X
X
42 per tube
-500E
#500
X
X
X
X
X
750 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-4502-560E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant.
Example 2:
HCPL-4502 to order product of 300mil DIP package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation‘#XXX’is used for existing products, while (new) products launched since 15th July 2001 and RoHS
compliant option will use ‘-XXXE‘.


유사한 부품 번호 - HCPL-0453-000E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-0453-020 HP-HCPL-0453-020 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-0453-060 HP-HCPL-0453-060 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

유사한 설명 - HCPL-0453-000E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com