전자부품 데이터시트 검색엔진 |
|
HCPL-253L-560E 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-253L-560E 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED |
7 / 12 page 7 Absolute Maximum Ratings Parameter Symbol Min. Max. Units Note Storage Temperature TS –55 125 °C Operating Temperature TA –55 100 °C Average Forward Input Current IF(AVG) 25 mA 1 Peak Forward Input Current IF(PEAK) 50 mA 2 (50% duty cycle, 1 ms pulse width) Peak Transient Input Current IF(TRANS) 1 A (≤ 1 µs pulse width, 300 pps) Reverse LED Input Voltage (Pin 3-2) VR 5 V Input Power Dissipation PIN 45 mW 3 Average Output Current (Pin 6) IO(AVG) 8 mA Peak Output Current IO(PEAK) 16 mA Emitter-Base Reverse Voltage VEBR 5 V Supply Voltage (Pin 8-5) VCC –0.5 7 V Output Voltage (Pin 6-5) VO –0.5 7 V Base Current IB 5 mA Output Power Dissipation PO 100 mW 4 Lead Solder Temperature (Through Hole Parts Only) 1.6 mm below seating plane, 10 sec. TLS 260 °C up to seating plane, 10 seconds 260 °C Reflow Temperature Profile TRP See Package Outline Drawings section Recommended Operating Conditions Parameter Symbol Min. Max. Units Power Supply Voltage VCC 2.7 7.0 V Forward Input Current IF(ON) 16 20 mA Forward Input Voltage VF(OFF) 0 0.8 V Operating Temperature TA 0 85 °C |
유사한 부품 번호 - HCPL-253L-560E |
|
유사한 설명 - HCPL-253L-560E |