전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA1L0380B-YDTU 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KA1L0380B-YDTU
상세설명  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1L0380B-YDTU 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KA1L0380B-YDTU Datasheet HTML 1Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 2Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 3Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 4Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 5Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 6Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 7Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 8Page - Fairchild Semiconductor KA1L0380B-YDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
4
Electrical Characteristics (CONTROL part)
(Ta=25
°C unless otherwise specified)
Notes:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS (wafer test) process
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
REFERENCE SECTION
Output voltage (1)
Vref
Ta=25
°C
4.80
5.00
5.20
V
Temperature Stability (1)(2)
Vref/
∆T
−25°C≤Ta≤+85°C-
0.3
0.6
mV/
°C
OSCILLATOR SECTION
Initial accuracy
FOSC
KA1L0380B
45
50
55
kHz
KA1L0380RB
45
50
55
KA1M0380RB
61
67
73
KA1H0380RB
90
100
110
Frequency change with temperature (2)
∆F/∆T
−25°C≤Ta≤+85°C-
±5
±10
%
PWM SECTION
Maximum duty cycle
Dmax
KA1L0380B
74
77
80
%
KA1L0380RB
74
77
80
KA1M0380RB
74
77
80
KA1H0380RB
64
67
70
FEEDBACK SECTION
Feedback source current
IFB
Ta=25
°C, 0V≤Vfb≤3V
0.7
0.9
1.1
mA
Shutdown delay current
Idelay
Ta=25
°C, 5V≤Vfb≤VSD
4.0
5.0
6.0
µA
OVER CURRENT PROTECTION SECTION
Over current protection
IL(max)
Max. inductor current
1.89
2.15
2.41
A
UVLO SECTION
Start threshold voltage
Vth(H)
-
14
15
16
V
Minimum operating voltage
Vth(L)
After turn on
9
10
11
V
TOTAL STANDBY CURRENT SECTION
Start current
IST
VCC=14V
0.1
0.3
0.45
mA
Operating supply current
(control part only)
IOPR
Ta=25
°C
6
12
18
mA
VCC zener voltage
VZ
ICC=20mA
30
32.5
35
V
SHUTDOWN SECTION
Shutdown Feedback voltage
VSD
-6.9
7.5
8.1
V
Thermal shutdown temperature (Tj) (1)
TSD
-
140
160
-
°C
Over voltage protection voltage
VOVP
-23
25
28
V


유사한 부품 번호 - KA1L0380B-YDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1L0365R FAIRCHILD-KA1L0365R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1L0365R-TU FAIRCHILD-KA1L0365R-TU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1L0365R-YDTU FAIRCHILD-KA1L0365R-YDTU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - KA1L0380B-YDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com