전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA1H0265RTU 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA1H0265RTU
상세설명  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1H0265RTU 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA1H0265RTU Datasheet HTML 1Page - Fairchild Semiconductor KA1H0265RTU Datasheet HTML 2Page - Fairchild Semiconductor KA1H0265RTU Datasheet HTML 3Page - Fairchild Semiconductor KA1H0265RTU Datasheet HTML 4Page - Fairchild Semiconductor KA1H0265RTU Datasheet HTML 5Page - Fairchild Semiconductor KA1H0265RTU Datasheet HTML 6Page - Fairchild Semiconductor KA1H0265RTU Datasheet HTML 7Page - Fairchild Semiconductor KA1H0265RTU Datasheet HTML 8Page - Fairchild Semiconductor KA1H0265RTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.2
Features
• Precision Fixed Operating Frequency
• KA1M0265R (70kHz) , KA1H0265R (100kHz)
• Pulse by Pulse Over Current Limiting
• Over Load Protection
• Over Voltage Protection (Min. 23V)
• Internal Thermal Shutdown Function
• Under Voltage Lockout
• Internal High Voltage Sense FET
•Auto Restart
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consist of
high voltage power SenseFET and current mode PWM
controller IC. PWM controller features integrated fixed
oscillator, under voltage lock out, leading edge blanking,
optimized gate turn-on/turn-off driver, thermal shut down
protection, over voltage protection, temperature compensated
precision current sources for loop compensation and fault
protection circuit. compared to discrete MOSFET and
controller or RCC switching converter solution, a Fairchild
Power Switch(FPS) can reduce total component count,
design size, weight and at the same time increase &
efficiency, productivity, and system reliability. It has a basic
platform well suited for cost effective design in either a
flyback converter or a forward converter.
TO-220F-4L
1. GND 2. DRAIN 3. VCC 4. FB
1
Internal Block Diagram
#3 VCC
32V
5
µA
9V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
25V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
#2 DRAIN
#1 GND
#4 FB
KA1M0265R/KA1H0265R
Fairchild Power Switch(FPS)


유사한 부품 번호 - KA1H0265RTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1H0280 FAIRCHILD-KA1H0280 Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0280R FAIRCHILD-KA1H0280R Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0280RB FAIRCHILD-KA1H0280RB Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0280RB-TU FAIRCHILD-KA1H0280RB-TU Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0280RB-YDTU FAIRCHILD-KA1H0280RB-YDTU Datasheet
91Kb / 10P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - KA1H0265RTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com