전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA339 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA339
상세설명  Quad Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA339 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA339 Datasheet HTML 1Page - Fairchild Semiconductor KA339 Datasheet HTML 2Page - Fairchild Semiconductor KA339 Datasheet HTML 3Page - Fairchild Semiconductor KA339 Datasheet HTML 4Page - Fairchild Semiconductor KA339 Datasheet HTML 5Page - Fairchild Semiconductor KA339 Datasheet HTML 6Page - Fairchild Semiconductor KA339 Datasheet HTML 7Page - Fairchild Semiconductor KA339 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA239/KA239A,KA339/KA339A KA3302,KA2901
3
Electrical Characteristics
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Note:
1. KA339 / KA339A: 0
≤ TA ≤ +70°C
KA239 / KA239A: -25
≤ TA ≤ +85°C
KA2901 / KA3302: -40
≤ TA ≤ +85°C
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
KA239A/KA339A
KA239/KA339
Unit
Min. Typ.
Max.
Min. Typ.
Max.
Input Offset Voltage
VIO
VO(P) = 1.4V, RS = 0
-1
2
-
1.4
5
mV
Note1
-
-
4.0
-
-
9.0
Input Offset Current
IIO
IIN(+) - IIN(-), VCM = 0V
-
2.3
50
-
2.3
50
nA
Note1
-
-
150
-
-
150
Input Bias Current
IBIAS
VCM = 0V
-
57
250
-
57
250
nA
Note1
-
-
400
-
-
400
Input Common Mode
Voltage Range
VI(R)
VCC = 30V
0
-
VCC-1.5
0
-
VCC-1.5
V
Note1
0
-
VCC-2
0
-
VCC-2
Supply Current
ICC
VCC = 5V, RL =
-
1.1
2.0
-
1.1
2.0
mA
Voltage Gain
GV
VCC = 15V, RL
≥ 15kΩ
(for large swing)
50
200
-
50
200
-
V/mV
Large Signal
Response Time
TLRES
VI = TTL Logic Swing
VREF = 1.4V, VRL = 5V,
RL = 5.1k
Ω (Note2)
-
300
-
-
300
-
ns
Response Time
TRES
VRL = 5V, RL = 5.1k
(Note2)
-1.3
-
-
1.3
-
µs
Output Sink Current
ISINK
VI(-)
≥ 1V, VI(+) = 0V,
VO(P)
≤ 1.5V
618
-
6
18
-
mA
Output Saturation
Voltage
VSAT
VI(-)
≥ 1V, VI(+) = 0V
-
140
400
-
140
400
mV
ISINK = 4mA
Note1
-
-
700
-
-
700
Output Leakage
Current
Io(LKG)
VI(-) = 0V
VI(+) = 1V
VO(P) = 5V
-
0.1
-
-
0.1
-
nA
VO(P) =30V
-
-
1.0
-
-
1.0
µA
Differential Voltage
VI(DIFF)
Note1
-
-
36
-
-
36
V


유사한 부품 번호 - KA339

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339 Datasheet
124Kb / 8P
   Quad Comparator
KA339 FAIRCHILD-KA339 Datasheet
124Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
List of Unclassifed Man...
KA339 ETC2-KA339 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA339A FAIRCHILD-KA339A Datasheet
124Kb / 8P
   Quad Comparator
More results

유사한 설명 - KA339

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
   Quad comparator
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com