전자부품 데이터시트 검색엔진 |
|
KA258 데이터시트(PDF) 6 Page - Fairchild Semiconductor |
|
KA258 데이터시트(HTML) 6 Page - Fairchild Semiconductor |
6 / 12 page KA258/KA258A, KA358/KA358A, KA2904 6 Electrical Characteristics (Continued) (VCC = 5.0V, VEE = GND, unless otherwise specified) The following specification apply over the range of -25 °C ≤ TA ≤ +85°C for the KA258A; and the 0°C ≤ TA ≤ +70°C for the KA358A Parameter Symbol Conditions KA258A KA358A Unit Min. Typ. Max. Min. Typ. Max. Input Offset Voltage VIO VCM = 0V to VCC -1.5V VO(P) = 1.4V, RS = 0 Ω -- 4.0 - - 5.0 mV Input Offset Voltage Drift ∆VIO/∆T - - 7.0 15 - 7.0 20 µV/°C Input Offset Current IIO -- - 30 - - 75 nA Input Offset Current Drift ∆IIO/∆T - - 10 200 - 10 300 pA/ °C Input Bias Current IBIAS - - 40 100 - 40 200 nA Input Common-Mode Voltage Range VI(R) VCC = 30V 0 - Vcc -2.0 0- Vcc -2.0 V Output Voltage Swing VO(H) VCC = 30V RL = 2k Ω 26 - - 26 - - V RL = 10k Ω 27 28 - 27 28 - V VO(L) VCC = 5V, RL =10kΩ - 5 20 - 5 20 mV Large Signal Voltage Gain GV VCC = 15V, RL =2.0kΩ VO(P) = 1V to 11V 25 - - 15 - - V/mV Output Current ISOURCE VI(+) = 1V, VI(-) = 0V VCC = 15V, VO(P) = 2V 10 30 - 10 30 - mA ISINK VI(+) = 1V, VI(-) = 0V VCC = 15V, VO(P) = 2V 59 - 5 9 - mA Differential Input Voltage VI(DIFF) -- - VCC -- VCC V |
유사한 부품 번호 - KA258 |
|
유사한 설명 - KA258 |