전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3050 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 KA3050
상세설명  Camera Motor Drive and Control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3050 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button KA3050 Datasheet HTML 4Page - Fairchild Semiconductor KA3050 Datasheet HTML 5Page - Fairchild Semiconductor KA3050 Datasheet HTML 6Page - Fairchild Semiconductor KA3050 Datasheet HTML 7Page - Fairchild Semiconductor KA3050 Datasheet HTML 8Page - Fairchild Semiconductor KA3050 Datasheet HTML 9Page - Fairchild Semiconductor KA3050 Datasheet HTML 10Page - Fairchild Semiconductor KA3050 Datasheet HTML 11Page - Fairchild Semiconductor KA3050 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
KA3050
8
Electrical Characteristics (Ta = 25
°°°°C)
Block
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Notes
Total
Leakage current
ISTB
VE=6.0V
-
-
1.0
µA1
Low input voltage range
VINL
-
−0.3
-
0.6
V
2
High input voltage range
VINH
-
1.6
-
7.0
V
3
Control input current
IIH
VIH=4.0V
-
80
120
µA4
IIL
VIL=GND
−1-
0
Step-up
&
VDD
Min. operating voltage
VMIN
--
-
1.0
V
5
Step-up output voltage 1
VVDI1
VE=2.0V,
ILOAD=100mA
5.35
5.5
5.65
V6
Step-up output voltage 2
VVDI2
VE=2.0V,
ILOAD=100mA
8.3
8.6
8.9
FMO output voltage 1
VOL1
VE=2.0V,
ILOAD=700mA
--
0.3
V7
FMO output voltage 2
VOL2
VE=2.0V,
ILOAD=1000mA
--
0.4
FMI step-up clock
f
VE=2.0V
39
156
313
KHz
8
VDD output voltage 3
VVDD3
IO=80mA
3.85
4.0
4.15
V9
VDD output voltage 4
VVDD4
IO=80mA
4.85
5.0
5.15
Input & output potential
difference 1
VSAT1
IO=80mA
-
-
0.3
V
10
VDET
VE detection voltage (1-1)
VTH+1
VE=6V
3.0
3.15
3.3
V11
VE detection voltage (1-2)
VTH-1
VE=6V
2.7
2.85
3.0
VE detection voltage (2-1)
VTH+2
VE=6V/3V
1.5
1.65
1.8
V12
VE detection voltage (2-2)
VTH-2
VE=6V/3V
1.2
1.35
1.5
Output saturation voltage
VDEO
VE=2.0V, IOL=5mA
-
-
0.5
V
13
Operating voltage range 1
VOPR1
VE
1.2
-
7.5
V
14
RBT
Stand-by output voltage
VSBT
--
-
0.1
V
15
Output voltage in operating
VRBT1
IOL=10
µA
0.47
0.5
0.53
× VE
16
Operating voltage range 2
VOPR2
-
1.5
-
7.5
V
17
Output voltage temperature
coefficient
VT
--
-
2.0
mV/
°C
18
VCC
VCC output voltage
VVDD5
IO=50mA
4.85
5.0
5.15
V
19
Input & output potential
difference 2
VDAT2
IO=50mA, VCC=3V
-
-
0.3
V
20
Function compensation voltage
range 3
VOPR3
VE
1.0
-
7.5
V
21
DC
MOTOR
Function compensation voltage
range 4
VOPR4
-
1.0
-
7.5
V
22
Output voltage (PNP+NPN) 1
VDM1
VE=2.0V, IOL=800mA
-
0.6
0.8
V23
Output voltage (PNP+NPN) 2
VDM2
VE=2.0V, IOL=1000mA
-
0.8
1.0


유사한 부품 번호 - KA3050

제조업체부품명데이터시트상세설명
logo
Rohm
KA3002-B05N00A ROHM-KA3002-B05N00A Datasheet
71Kb / 2P
   For Mobile Printers series
2019.10 - Rev.002
KA3003-H05N20A ROHM-KA3003-H05N20A Datasheet
341Kb / 2P
   For Mobile Printers series
2022.04 - Rev.001
logo
List of Unclassifed Man...
KA3005D ETC1-KA3005D Datasheet
386Kb / 12P
   Bedienungsanleitung
KA3005P ETC1-KA3005P Datasheet
386Kb / 12P
   Bedienungsanleitung
logo
Rohm
KA3008-C03N10A ROHM-KA3008-C03N10A Datasheet
325Kb / 2P
   For Mobile Printers series
2022.04 - Rev.001
More results

유사한 설명 - KA3050

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
   iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
logo
List of Unclassifed Man...
MCX304 ETC-MCX304 Datasheet
137Kb / 4P
   MOTOR CONTROL IC
logo
STMicroelectronics
GS-DC200 STMICROELECTRONICS-GS-DC200 Datasheet
92Kb / 7P
   STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
logo
Renesas Technology Corp
M63016FP RENESAS-M63016FP Datasheet
4Mb / 21P
   Spindle Motor AND 4CH ACTUATOR Drive IC
logo
Mitsubishi Electric Sem...
M63016FP MITSUBISHI-M63016FP Datasheet
577Kb / 20P
   Spindle Motor AND 4CH ACTUATOR Drive IC
logo
AUK corp
S3001 AUK-S3001 Datasheet
765Kb / 19P
   5CH Motor Drive IC
logo
Panasonic Semiconductor
AN8495SB PANASONIC-AN8495SB Datasheet
119Kb / 2P
   Stepping Motor Drive IC
logo
AUK corp
S30011 AUK-S30011 Datasheet
757Kb / 19P
   5CH Motor Drive IC
logo
Shenzhen Huazhimei Semi...
HM2535 HMSEMI-HM2535 Datasheet
553Kb / 4P
   DC motor drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com