전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3080BD 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 KA3080BD
상세설명  3-Phase BLDC Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3080BD 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button KA3080BD Datasheet HTML 6Page - Fairchild Semiconductor KA3080BD Datasheet HTML 7Page - Fairchild Semiconductor KA3080BD Datasheet HTML 8Page - Fairchild Semiconductor KA3080BD Datasheet HTML 9Page - Fairchild Semiconductor KA3080BD Datasheet HTML 10Page - Fairchild Semiconductor KA3080BD Datasheet HTML 11Page - Fairchild Semiconductor KA3080BD Datasheet HTML 12Page - Fairchild Semiconductor KA3080BD Datasheet HTML 13Page - Fairchild Semiconductor KA3080BD Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
KA3080/KA3080D/KA3080DM
10
Electrical Characteristics
(VCC1=5V, VCC2=16V, RS=0.5
Ω, Ta=25°C, unless otherwise specified)
Block
Parameter
Symbol
Conditions
Min.
Typ.
max.
Unit
Total
Quiescent Input Current 1
ICC1
VCC1=5V, VFR=5V
5.0
8.5
12.0
mA
Quiescent Input Current 3
ICC3
VCC1=7V, VFR=5V
6.0
10.0
15.0
mA
Quiescent Input Current
IO1
VCC2=16V, VLIM=0V
-
1.5
5.0
mA
Quiescent Input Current (Max.)
IO3
VCC2=27V, VLIM=VREF
-2.7
7.0
mA
Output
Current Limit Level
GML1
RS=0.5
32-SDIPH
0.61
0.67
0.73
A / V
28-SSOPH 0.46
0.52
0.58
Control Gain
GM1
VIN=0V
32-SDIPH
0.9
1.0
1.1
A / V
28-SSOPH
0.7
0.8
0.9
Output Amp. Saturation Voltage 4
(Outflow Current)
VSU4
IOUT=0.8A / Phase
-
1.8
2.0
V
Output Amp. Saturation Voltage 4
(Inflow Current)
VSD4
IOUT=0.8A / Phase
-
1.8
2.0
V
Limit Current Gap Of Phases
LD1
LIVU2-LIWU2
-20
0
20
mA
Current Gap Of Phases
D1
IVU1-IWU1
-20
0
20
mA
Phase Output Wave Frequency 1
PF1
15kHz, 5Vp-p
2.45
2.5
2.55
kHz
Phase Output Wave Frequency 4
PF4
10kHz, 5Vp-p
1.62
1.67
1.72
kHz
Control
Current Limit Input Current
I19
-
-
350
2000
nA
Control Input Current
I20
-
-
350
2000
nA
Input Offset Voltage U
VO2U
--50
0
50
mV
Rotation
Control
CW Voltage Range
VFRU
-
1.0
1.3
1.6
V
FG amp
& comp
FG Amp. Input DC Voltage
V28(10)
32-SDIPH (28-SSOPH)
2.2
2.5
2.8
V
FG Amp. Reference Voltage
V27(9)
32-SDIPH (28-SSOPH)
2.2
2.5
2.8
V
FG Amp. Voltage Gain
FGAV1
FGIN3=10kHz, 60mVp-p
28
31
34
Times
FG Comp. Output Frequency
FCOMP
FGAMP0=3Vp-p (1kHz)
0.9
1
1.1
kHz
FG Comp Downward Input
Threshold Voltage
VTHDW
FGAMP0=3
→2 Sweep
2.40
2.45
2.50
V
FG Comp. UPward Input
Threshold Voltage
VTHUP
FGAMP0=2
→3 Sweep
2.50
2.55
2.60
V
FG Comp. Hysteresis
VHYS
-
20
100
180
mV
FG Output High Voltage
FGHI
FGIN3=3V
4.2
-
-
V
FG Output Low Voltage
FGLO
FGIN3=2V
-
-
0.4
V


유사한 부품 번호 - KA3080BD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082B FAIRCHILD-KA3082B Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
KA3082N FAIRCHILD-KA3082N Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
KA3084 FAIRCHILD-KA3084 Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
More results

유사한 설명 - KA3080BD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com