전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA34063A 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KA34063A
상세설명  SMPS Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA34063A 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KA34063A Datasheet HTML 1Page - Fairchild Semiconductor KA34063A Datasheet HTML 2Page - Fairchild Semiconductor KA34063A Datasheet HTML 3Page - Fairchild Semiconductor KA34063A Datasheet HTML 4Page - Fairchild Semiconductor KA34063A Datasheet HTML 5Page - Fairchild Semiconductor KA34063A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KA34063A
4
Mechanical Dimensions
Package
Dimensions in millimeters
6.40
±0.20
3.30
±0.30
0.130
±0.012
3.40
±0.20
0.134
±0.008
#1
#4
#5
#8
0.252
±0.008
5.08
0.200
0.33
0.013
7.62
0~15°
0.300
MAX
MIN
0.25
+0.10
–0.05
0.010
+0.004
–0.002
8-DIP


유사한 부품 번호 - KA34063A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA34063A FAIRCHILD-KA34063A Datasheet
48Kb / 6P
   Operation From 3.0 to 40V Input
logo
ON Semiconductor
KA34063A ONSEMI-KA34063A Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
logo
Fairchild Semiconductor
KA34063AD FAIRCHILD-KA34063AD Datasheet
48Kb / 6P
   Operation From 3.0 to 40V Input
logo
ON Semiconductor
KA34063AD ONSEMI-KA34063AD Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
logo
Fairchild Semiconductor
KA34063ADTF FAIRCHILD-KA34063ADTF Datasheet
48Kb / 6P
   Operation From 3.0 to 40V Input
More results

유사한 설명 - KA34063A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com