전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA3505 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KA3505
상세설명  PC SMPS Supervisory IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3505 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KA3505 Datasheet HTML 1Page - Fairchild Semiconductor KA3505 Datasheet HTML 2Page - Fairchild Semiconductor KA3505 Datasheet HTML 3Page - Fairchild Semiconductor KA3505 Datasheet HTML 4Page - Fairchild Semiconductor KA3505 Datasheet HTML 5Page - Fairchild Semiconductor KA3505 Datasheet HTML 6Page - Fairchild Semiconductor KA3505 Datasheet HTML 7Page - Fairchild Semiconductor KA3505 Datasheet HTML 8Page - Fairchild Semiconductor KA3505 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
KA3505
4
Pin Definitions
Pin No.
Name
Pin Function Description
1V33
Over and Under Voltage Protection Input for the 3.3V. It directly senses the 3.3V
rail without any external divider.
2V5
Over and Under Voltage Protection Input for the 5V. It directly senses the 5V rail
without any external divider.
3V12
Over and Under Voltage Protection Input for the 12V. It directly senses the 12V
rail without any external divider.
4PGI
Power Good Signal Generator Input. It should be supplied from a bulk
dependent voltage in order to detect power on and off state.
5VCC
Supply voltage. Its recommended operating voltage is ranged from 15V to 30V.
6FPO
Fault Protection Output (Open Collector Output). This pin indicates the fault
condition. When fault state occurs, the PGO signal goes Low.
Normal = ’Low", Fault = "High".
7PSON
Remote on/off input. It does TTL operation and its threshold voltage is 1.4V. In
case of open circuit, the voltage at this pin is High (5.0V). If PSON = "Low", then
FPO = "Low". It means the main SMPS is working. When PSON = "High or
Open", then FPO = "High" and the main SMPS stops to work.
8TPSON
Timing pin for PSON delay. Ton/Toff=8ms/24ms (Typ.) with Cpson=0.1
µF
externally. PSON On Delay Time (Ton) is measured as PSON input goes Low to
High. PSON Off Delay Time (Toff) can be measured reversely.
9PGO
Power Good Output Signal (Open Collector).
PGO = "High" means "Power Good" for operation and PGO = "Low" means
"Power Fail".
10
TPG
Timing pin for PGO delay. TPG = 270ms (Typ.) with CPG = 2.2
µF externally. The
high/low threshold voltages are 1.8V/0.6V and the voltage of pin10 would be
charged up to 2.9V for noise margin.
11
RI
OCP current sense setting pin. The reference voltage at this pin is set to 1.25V
internally.You can fix the OCP reference current by using RI resistor.
12
GND
Ground
13
TPROT
Timing pin for under voltage protection and over current protection blank-out
time. Its threshold voltage is 1.8V and clamped at 2.9V after full charging. Target
of delay time is 38ms and it is realized through external capacitor (C=0.47
µF).
14
IS12
Current sense input for +12V. This pin is connected to the current sensing
resistor or inductor. You can define OCP offset voltage for +12V by using RI
resistor externally. If you connected RI resistor of 62k
Ω at Pin11 to ground, the
reference current(Iref) should be 20
µA. After that, you can make a constant OCP
offset voltage (VOFFSET = RO
× 5 × Iref).
In case the voltage drop (=IO.12
× RS) of the sense resistor or inductor is larger
than offset voltage, FPO becomes "High" after some delay time and the main
SMPS is turned-off. So the over current level is determined by following
equation. (IO.12 = VOFFSET/ RS)
∗ See application note for details.
15
IS5
Current sense input for +5V. You can make the +5V OCP function as previous
method in IS12 (Pin14).
16
IS33
Current sense input for +3.3V. You can also make the +3.3V OCP function as
previous method in IS12 (Pin14).


유사한 부품 번호 - KA3505

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
More results

유사한 설명 - KA3505

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com