전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX2163LNL 데이터시트(PDF) 1 Page - Pulse A Technitrol Company

부품명 CX2163LNL
상세설명  RF TRANSFORMERS Transformers for Wideband RF Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSE [Pulse A Technitrol Company]
홈페이지  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2163LNL 데이터시트(HTML) 1 Page - Pulse A Technitrol Company

  CX2163LNL Datasheet HTML 1Page - Pulse A Technitrol Company CX2163LNL Datasheet HTML 2Page - Pulse A Technitrol Company CX2163LNL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RoHS peak reflow temperature rating: 245°C°
Miniature surface mount package
Various impedance ratios available
Excellent insertion loss
Ideal for Balanced-to-Unbalanced applications
Products from 0.05 to 1900 MHz bandwidth
Mechanical
Schematic
RACKET-LITE
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ±
.010
0.25
Tape & Reel . . . . . . . . . . . . . . . . . 2000 /reel
Tray . . . . . . . . . . . . . . . . . . . . . . . . 100 /tray
Power Rating . . . 30 mA MAX; 0.25 W MAX
www.pulseeng.com
1
C203.D (1/10)
RoHS
Compliant
Part Number
Impedance Ratio 1
Pri:Sec
Turns Ratio
Pri:Sec
(±2%)
Bandwidth 2, 3
(MHz TYP)
Insertion Loss
@ Midband
(dB TYP)
Schematic
Primary Pins
3 dB
2 dB
1 dB
CX2041NL
1:1CT
1:1CT
0.05–450
0.75–300
0.10–200
0.60
B
4–6
CX2040LNL
1:1
1:1
1.5–500
2.5-400
5–350
0.90
A
4–6
CX2043LNL
1.5:1
√1.5:1
1–1000
0.20
D
3–6
CX2044LNL
1.5:1
√1.5:1
1.0–500
5–100
0.20
A
1–3
CX2045LNL
1:2CT
1:1.414CT
3–300
0.80
B
4–6
CX2047LNL
1:4CT
1:2CT
0.5–300
1.5–100
0.24
B
4–6
CX2049LNL
1:8CT
1:2.83CT
.25–500
0.3–400
0.5–200
1.16
B
4–6
CX2029LNL
36:1CT
6:1CT
0.05–21
0.40
B
4–6
CX2163LNL
1:1
1:1
800–1900
900-1400
1.50
E
1–3
Electrical Specifications @ 25°C — Operating Temperature -40°C to +85°C
RoHS
Compliant
Part Number
Impedance Ratio1
Pri:Sec
Bandwidth 2, 3
(MHz TYP)
Schematic
Primary Pins
2 dB
1 dB
CX2038LNL
75
:75 
Up to 1500
4.5–1000
C
4–6
CX2039LNL
50
:50 
Up to 1500
4.5–1000
C
4–6
NOTE: Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part number, e.g. CX2041NLT, CX2163NLT.
Electrical Specifications @ 25°C — Operating Temperature -40°C to +85°C
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
RF TRANSFORMERS
Transformers for Wideband RF Applications


유사한 부품 번호 - CX2163LNL

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
CX2163LNL PULSE-CX2163LNL Datasheet
177Kb / 2P
   XFMR, RF, SGL, RAC, 1:1, 800-1900MHZ
More results

유사한 설명 - CX2163LNL

제조업체부품명데이터시트상세설명
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
logo
Datatronic Distribution...
PT108-0 DATATRONICS-PT108-0 Datasheet
121Kb / 2P
   WIDEBAND RF TRANSFORMERS
2-1-1D DATATRONICS-2-1-1D Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
XFMRS Inc.
1100 XFMRS-1100 Datasheet
30Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0936-CO XFMRS-XFWB0936-CO Datasheet
51Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0976-DN XFMRS-XFWB0976-DN Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com