전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA5M0765RQCYDTU 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 KA5M0765RQCYDTU
상세설명  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0765RQCYDTU 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button KA5M0765RQCYDTU Datasheet HTML 2Page - Fairchild Semiconductor KA5M0765RQCYDTU Datasheet HTML 3Page - Fairchild Semiconductor KA5M0765RQCYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA5M0765RQCYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA5M0765RQCYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA5M0765RQCYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA5M0765RQCYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA5M0765RQCYDTU Datasheet HTML 9Page - Fairchild Semiconductor KA5M0765RQCYDTU Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KA5M0765RQC
6
Typical Performance Characteristics (SFET part) (Continued)
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note:
1. V
GS =0 V
2. I
D =250 µA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Note:
1. V
GS = 10 V
2. I
D = 6.0 A
T
J, Junction Temperature [
oC]
Figure 7. Breakdown Voltage vs. Temperature
Figure 8. On-Resistance vs. Temperature
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
DC
10ms
1ms
100
µs
Operation in This Area
is Limited byR
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. SinglePulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
2
4
6
8
T
C, Case Temperature [
]
Figure 9. Max. Safe Operating Area
Figure 10. Max. Drain Current vs. Case Temperature
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
Notes :
1. Z
θ JC(t) = 0.9
/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Zθ JC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
Figure 11. Thermal Response


유사한 부품 번호 - KA5M0765RQCYDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5M0765RC FAIRCHILD-KA5M0765RC Datasheet
237Kb / 10P
   KA5M0765RC
More results

유사한 설명 - KA5M0765RQCYDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965RC FAIRCHILD-FS6S0965RC Datasheet
135Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com