전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA5S 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 KA5S
상세설명  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5S 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button KA5S Datasheet HTML 6Page - Fairchild Semiconductor KA5S Datasheet HTML 7Page - Fairchild Semiconductor KA5S Datasheet HTML 8Page - Fairchild Semiconductor KA5S Datasheet HTML 9Page - Fairchild Semiconductor KA5S Datasheet HTML 10Page - Fairchild Semiconductor KA5S Datasheet HTML 11Page - Fairchild Semiconductor KA5S Datasheet HTML 12Page - Fairchild Semiconductor KA5S Datasheet HTML 13Page - Fairchild Semiconductor KA5S Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
KA5S-SERIES KA5S0765C/KA5S09654QT/KA5S0965/KA5S12656/
10
Typical Performance Characteristics(Continued)
Figure 6. Maximum Duty vs. Temp.
Figure 7. Feedback Source Current
vs. Temp.
Figure 8. Shutdown Feedback Volatge vs. Temp.
Figure 9. Shutdown Delay Current
vs. Temp.
Figure 10. Over Volatge Protection
vs. Temp.
Figure 11. Peak Current Limit
92.0
93.5
95.0
96.5
98.0
-25
0
25
50
75
100
125
150
Temp(
℃)
Dmax(%)
0.70
0.80
0.90
1.00
1.10
-25
0
25
50
75
100
125
150
Temp(
℃)
Ifb(mA)
7.35
7.40
7.45
7.50
7.55
-25
0
25
50
75
100
125
150
Temp(
℃)
Vs d(V)
3.30
3.50
3.70
3.90
-25
0
25
50
75
100
125
150
Temp(
℃)
Idelay(uA)
23.8
24.5
25.2
25.9
26.6
-25
0
25
50
75
100
125
150
Temp(
℃)
Vovp(V)
3.80
3.90
4.00
4.10
4.20
-25
0
25
50
75
100
125
150
Temp(
℃)
Iover(A)


유사한 부품 번호 - KA5S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5S FAIRCHILD-KA5S Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S0765C FAIRCHILD-KA5S0765C Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S0765CTU FAIRCHILD-KA5S0765CTU Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S0765CYDTU FAIRCHILD-KA5S0765CYDTU Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S0965 FAIRCHILD-KA5S0965 Datasheet
213Kb / 16P
   Power Switch(FPS)
More results

유사한 설명 - KA5S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com