전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7500BD 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA7500BD
상세설명  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7500BD 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA7500BD Datasheet HTML 1Page - Fairchild Semiconductor KA7500BD Datasheet HTML 2Page - Fairchild Semiconductor KA7500BD Datasheet HTML 3Page - Fairchild Semiconductor KA7500BD Datasheet HTML 4Page - Fairchild Semiconductor KA7500BD Datasheet HTML 5Page - Fairchild Semiconductor KA7500BD Datasheet HTML 6Page - Fairchild Semiconductor KA7500BD Datasheet HTML 7Page - Fairchild Semiconductor KA7500BD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Internal Regulator Provides a Stable 5V Reference Supply
Trimmed to 5%
• Uncommitted Output TR for 200mA Sink or Source
Current
• Output Control For Push-Pull or Single Ended Operation
• Variable Duty Cycle By Dead Time Control (Pin 4)
Complete PWM Control Circuit
• On-Chip Oscillator With Master or Slave Operation
• Internal Circuit Prohibits Double Pulse at Either Output
Description
The KA7500B is used for the control circuit of the PWM
switching regulator. The KA7500B consists of 5V reference
voltage circuit, two error amplifiers, a flip flop, an output
control circuit, a PWM comparator, a dead time comparator
and an oscillator. This device can be operated in the
switching frequency of 1kHz to 300kHz.
16-DIP
16-SOP
1
1
Internal Block Diagram
KA7500B
SMPS Controller


유사한 부품 번호 - KA7500BD

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KA7500BD SAMSUNG-KA7500BD Datasheet
97Kb / 5P
   VOLTAGE-MODE PWM CONTROLLER
More results

유사한 설명 - KA7500BD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com