전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5-1393302-1 데이터시트(PDF) 4 Page - Tyco Electronics

부품명 5-1393302-1
상세설명  Plug-in relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393302-1 데이터시트(HTML) 4 Page - Tyco Electronics

  5-1393302-1 Datasheet HTML 1Page - Tyco Electronics 5-1393302-1 Datasheet HTML 2Page - Tyco Electronics 5-1393302-1 Datasheet HTML 3Page - Tyco Electronics 5-1393302-1 Datasheet HTML 4Page - Tyco Electronics 5-1393302-1 Datasheet HTML 5Page - Tyco Electronics 5-1393302-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Plug-in relays
Mini ISO relays
Power relay F4
Please observe the disclaimer.
35
Catalog 1308028
Issued 01-05
Coil data
Available for nominal voltages
12, 24 V
Nominal power consumption of the unsuppressed coil at nominal voltage
1.6 W
Nominal power consumption at nominal voltage with suppression resistor
1.8/2.1 W (standard/high performance 24 V)
Test voltage winding / contact
500 VACrms
Ambient temperature range
– 40 to + 125 °C
Operate time at nominal voltage
Typ. 7 ms
Release time at nominal voltage1)
Typ. 2 ms
1)
For unsuppressed relay coil
N.B.
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.
Mechanical data
Cover retention
Axial force
150 N (33.8 lbs)
Pull force
200 N (45 lbs)
Push force
200 N (45 lbs)
Terminals
Pull force
100 N (22.5 lbs)
Push force
100 N (22.5 lbs)
Resistance to bending, force applied to front
10 N (2.25 lbs)1)
Resistance to bending, force applied to side
10 N (2.25 lbs)1)
Torsion
0.3 Nm
Enclosures
Dust cover
Protects relay from dust. For use in passenger compartment or enclosures
Shrouded dust cover
Protects relay and relay connector (order separately) from dust and splash
Weatherproof cover
Mates with a connector (order separately) to seal relay from salt spray etc.
Recommended for under hood application
1)
Values apply 2 mm from the end of the terminal. When the force is removed, the terminal must not have moved by more than 0.3 mm.
Operating voltage range
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
Ambient temperature vs. coil
voltage for continuous duty
100
90
80
70
60
50
40
90
95
100
105
110
115
120
125
130
135
140
145
150
Applied Coil Voltage (% of Nominal Voltage)
30
110
120
130
0 A Contact Load
8 A Contact Load
16 A Contact Load
24 A Contact Load
32 A Contact Load
40 A Contact Load
134_atcv
Battery voltage


유사한 부품 번호 - 5-1393302-1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-1393302-1 MACOM-5-1393302-1 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
5-1393302-1 MACOM-5-1393302-1 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
5-1393302-1 TEC-5-1393302-1 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
5-1393302-1 TEC-5-1393302-1 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

유사한 설명 - 5-1393302-1

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com