전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7630 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA7630
상세설명  Fixed Multi-Output Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7630 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA7630 Datasheet HTML 1Page - Fairchild Semiconductor KA7630 Datasheet HTML 2Page - Fairchild Semiconductor KA7630 Datasheet HTML 3Page - Fairchild Semiconductor KA7630 Datasheet HTML 4Page - Fairchild Semiconductor KA7630 Datasheet HTML 5Page - Fairchild Semiconductor KA7630 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA7630/KA7631
3
Electrical Characteristics(KA7631) (Continued)
(Refer to test circuit Vin1=7.5V ,Vin2=11.5V ,Tj = +25
°C, unless otherwise specified)
Notes:
1. To check the reset circuit ,the reset output is low to discharge the delay capacitor(=Cd). if it’s less than Vo1-0.25V. And the
reset output is high when the delay capacitor voltage linearly increased by the internal current source(10
µA) if it’s more than
Vo1- 0.2V. The equation of delay time is same as below. Trd = (Cd × 2.5) / 10
µA
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage 1
Vo1
Io1 = 10mA
7.5V < Vin1 < 14V
5mA < Io1 < 500mA
5
4.9
5.1
5.1
5.2
5.3
V
Output Voltage 2
Vo2
Io2 = 10mA
11.5V < Vin2 < 18V
5mA < Io2< 500mA
8.82
8.65
9
9
9.18
9.35
V
Dropout Output Voltage 1,2
Vd1,2
Io1,2 = 500mA
-
-
2.5
V
Line Regulation 1,2
∆Vo 1,2
7.5V < Vin1< 14V
11.5V < Vin2< 18V
Io1,2 = 200mA
--
50
80
mV
Load Regulation 1,2
∆Vo 1,2
5mA < Io1< 500mA
5mA < Io2 < 500mA
--
100
160
mV
Output Voltage 3
Vo3
Vsys =13V, Io3 = 100mA
11.7
12
12.3
V
Line Regulation 3
∆Vo3
13V < Vin2 <18V, Io3 =100mA
-
-
120
mV
Load Regulation 3
∆Vo3
5mA < Io3 < 1A
-
-
250
mV
Reset Pulse Delay
Trd
Cd = 100nF, Note1
-
25
-
ms
Saturation Voltage in Reset
Condition
VrL
I6 = 5mA
-
-
0.4
V
Leakage Current at Pin 6
IrH
V6 = 10V
-
-
10
µA
Output Voltage Thermal Drift
STt
0
°C < Tj < +125°C , Note2
-
100
-
ppm/
°C
Short Circuit Output Current
Isc1,2
Vin1 = 7.5V ,Vin2 = 11.5V
-
-
1.6
A
Disable Voltage High
VdisH
Output 2 Active
0.8
-
2.0
V
Disable Voltage Low
VdisL
Output 2 Disabled
0.8
-
2.0
V
Disable Bias Current
Idis
0V < Vdis < 7V
-100
-
2
µA
Junction Temperature for TSD
Ttsd
Note2
-
145
-
°C
Quiescent Current
Iq
Io1=10mA, Output2 Disabled
-
-
2
mA
Reset Threshold Voltage
Vr
K = Vo1
K-0.4
K-0.25
K -0.1
V
Reset Threshold Hysteresis
Vrth
Note1
20
50
100
mA


유사한 부품 번호 - KA7630

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7630 FAIRCHILD-KA7630 Datasheet
76Kb / 6P
   Fixed Multi-Output Regulator
KA7630TS FAIRCHILD-KA7630TS Datasheet
76Kb / 6P
   Fixed Multi-Output Regulator
More results

유사한 설명 - KA7630

제조업체부품명데이터시트상세설명
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630_05 Datasheet
177Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
GM7631 GAMMA-GM7631 Datasheet
176Kb / 6P
   FIXED MULTI-OUTPUT REGULATOR
logo
Fairchild Semiconductor
KA7630TS FAIRCHILD-KA7630TS Datasheet
76Kb / 6P
   Fixed Multi-Output Regulator
logo
List of Unclassifed Man...
GM7630 ETC-GM7630 Datasheet
110Kb / 5P
   FIXED MULTI - OUTPUT REGULATOR
logo
Gamma Microelectronics ...
GM7632 GAMMA-GM7632 Datasheet
147Kb / 8P
   FIXED MULTI - OUTPUT REGULATOR
logo
Fairchild Semiconductor
KA7632 FAIRCHILD-KA7632 Datasheet
102Kb / 8P
   Fixed Multi-output Regulator
logo
First Components Intern...
FMR7632 FCI-FMR7632 Datasheet
1Mb / 6P
   500mA 20V Fixed Multi-Output Regulator
F7632 FCI-F7632 Datasheet
104Kb / 6P
   Fixed Multi-output Positive Voltage Regulator
F7630 FCI-F7630 Datasheet
544Kb / 5P
   Fixed Multi-output Positive Voltage Regulator
F7631 FCI-F7631 Datasheet
223Kb / 5P
   0.5Amp Fixed Multi-output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com