전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA79M18 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA79M18
상세설명  3-Terminal 0.5A Negative Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79M18 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA79M18 Datasheet HTML 1Page - Fairchild Semiconductor KA79M18 Datasheet HTML 2Page - Fairchild Semiconductor KA79M18 Datasheet HTML 3Page - Fairchild Semiconductor KA79M18 Datasheet HTML 4Page - Fairchild Semiconductor KA79M18 Datasheet HTML 5Page - Fairchild Semiconductor KA79M18 Datasheet HTML 6Page - Fairchild Semiconductor KA79M18 Datasheet HTML 7Page - Fairchild Semiconductor KA79M18 Datasheet HTML 8Page - Fairchild Semiconductor KA79M18 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• No external components required
• Output current in excess of 0.5A
• Internal thermal overload
• Internal short circuit current limiting
• Output transistor safe area compensation
• Output voltages of -5V,-6V,-8V, -12V,-15V,-18V,-24V
Description
The KA79MXX series of 3-Terminal medium current
negative voltage regulators are monolithic integrated circuits
designed as fixed voltage regulators. These regulators
employ internal current limiting, thermal shutdown and
safe area compensation making them essentially
indestructible.
TO-220
D-PAK
1. GND 2. Input 3. Output
1
1
Schematic Diagram
KA79MXX
3-Terminal 0.5A Negative Voltage Regulator


유사한 부품 번호 - KA79M18

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA79M18 FAIRCHILD-KA79M18 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results

유사한 설명 - KA79M18

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com