전자부품 데이터시트 검색엔진 |
|
KA78L05AZTA 데이터시트(PDF) 3 Page - Fairchild Semiconductor |
|
KA78L05AZTA 데이터시트(HTML) 3 Page - Fairchild Semiconductor |
3 / 16 page KA78LXXA/KA78L05AA 3 Electrical Characteristics(KA78L06A) (Continued) (VI = 12V, IO = 40mA, 0 °C ≤ TJ ≤ 125°C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note 1) Note: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25 °C 5.75 6.0 6.25 V Line Regulation (Note1) ∆VO TJ = 25 °C 8.5V ≤ VI ≤ 20V - 64 175 mV 9V ≤ VI ≤ 20V - 54 125 mV Load Regulation (Note1) ∆VO TJ = 25 °C 1mA ≤ IO ≤ 100mA - 12.8 80 mV 1mA ≤ IO ≤ 70mA - 5.8 40 mV Output Voltage VO 8.5 ≤ VI ≤ 20V, 1mA ≤ IO ≤ 40mA 5.7 - 6.3 V 8.5 ≤ VI ≤ VMAX(Note), 1mA ≤ IO ≤ 70mA 5.7 - 6.3 V Quiescent Current IQ TJ = 25 °C- - 5.5 mA TJ = 125 °C- 3.9 6.0 mA Quiescent Current Change With Line ∆IQ 9 ≤ VI ≤ 20V - - 1.5 mA With Load ∆IQ 1mA ≤ IO ≤ 40mA - - 0.1 mA Output Noise Voltage VN TA = 25 °C, 10Hz ≤ f ≤ 100kHz - 40 - µV/Vo Temperature Coefficient of VO ∆VO/∆TIO = 5mA - 0.75 - mV/ °C Ripple Rejection RR f = 120Hz, 10V ≤ VI ≤ 20V, TJ = 25°C40 46 - dB Dropout Voltage VD TJ = 25 °C- 1.7 - V |
유사한 부품 번호 - KA78L05AZTA |
|
유사한 설명 - KA78L05AZTA |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |