전자부품 데이터시트 검색엔진 |
|
MCZ2010AH900L4T 데이터시트(PDF) 2 Page - TDK Electronics |
|
MCZ2010AH900L4T 데이터시트(HTML) 2 Page - TDK Electronics |
2 / 5 page • All specifications are subject to change without notice. (1/4) 001-03 / 20120906 / e9712_mcz_ah Common Mode Filters For High-speed Differential Signal Line (USB2.0, LVDS, etc.) MCZ Series MCZ1210AH FEATURES • Compact sized multilayer common mode filter. • By providing wide bandwidth for differential mode, this product has almost no effect for high-speed differential signals and can suppress the radiated emission. APPLICATIONS • High speed interface(LVDS and USB2.0) in electronics devices. • Digital cellular phones, PCs, DSCs, portable game machines, etc. PRODUCT IDENTIFICATION (1) Series name (2) Dimensions L W (3) Product identification number (4) Impedance[at 100MHz] 360: 36 (5) Number of line L2: 2-line (6) Packaging style T: Taping RECOMMENDED SOLDERING CONDITION REFLOW SOLDERING SHAPES AND DIMENSIONS/ RECOMMENDED PC BOARD PATTERNS CIRCUIT DIAGRAMS TEMPERATURE RANGE PACKAGING STYLE AND QUANTITIES HANDLING AND PRECAUTIONS • Before soldering, be sure to preheat components. The preheat- ing temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150°C. • After mounting components onto the printed circuit board, do not apply stress through board bending or mishandling. • Do not expose the inductors to stray magnetic fields. • Avoid static electricity discharge during handling. • When hand soldering, apply the soldering iron to the printed cir- cuit board only. Temperature of the iron tip should not exceed 350°C. Soldering time should not exceed 3 seconds. • This product does not apply to flow soldering construction method. Conformity to RoHS Directive MCZ 1210 AH 360 L2 T (1) (2) (3) (4) (5) (6) Natural cooling 10s max. Preheating 60 to 120s Soldering 30 to 60s 230˚C 250 to 260˚C 180˚C 150˚C Time(s) Operating –40 to +85°C Storage(After mount) –40 to +85°C Packaging style Quantity Taping 4000 pieces/reel 1.0 ±0.15 0.55 ±0.1 0.3 ±0.1 Weight: 3mg Dimensions in mm 43 12 0.25 0.3 43 12 ・No polarity 43 12 • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. |
유사한 부품 번호 - MCZ2010AH900L4T |
|
유사한 설명 - MCZ2010AH900L4T |