전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ2010AH900L4T 데이터시트(PDF) 5 Page - TDK Electronics

부품명 MCZ2010AH900L4T
상세설명  Common Mode Filters For high-speed differential signal line
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

MCZ2010AH900L4T 데이터시트(HTML) 5 Page - TDK Electronics

  MCZ2010AH900L4T Datasheet HTML 1Page - TDK Electronics MCZ2010AH900L4T Datasheet HTML 2Page - TDK Electronics MCZ2010AH900L4T Datasheet HTML 3Page - TDK Electronics MCZ2010AH900L4T Datasheet HTML 4Page - TDK Electronics MCZ2010AH900L4T Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• All specifications are subject to change without notice.
(4/4)
001-03 / 20120906 / e9712_mcz_ah
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Part No.
Common mode impedance
(
) [100MHz]
DC resistance
(
)max.[1 line]
Rated current
Idc(mA)max.
Rated voltage
Edc(V)max.
Insulation resistance
(M
)min.
MCZ2010AH900L4T
90±25%
1.50
100
5
10
MCZ2010AH121L4T
120±25%
2.00
100
5
10
MCZ2010AH201L4T
200±25%
3.50
100
5
10
1
10
100
1000
10000
10000
1000
100
1
10
Frequency(MHz)
121 Common mode
900 Common mode
121 Differential mode
900 Differential mode
1
10
100
1000
10000
10000
1000
100
1
10
Frequency(MHz)
201 Common mode
201 Differential mode


유사한 부품 번호 - MCZ2010AH900L4T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MCZ234653EF NXP-MCZ234653EF Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
MCZ234653EFR2 NXP-MCZ234653EFR2 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
More results

유사한 설명 - MCZ2010AH900L4T

제조업체부품명데이터시트상세설명
logo
TDK Electronics
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
MCZ1210AH360T TDK-MCZ1210AH360T Datasheet
56Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM0806G TDK-TCM0806G Datasheet
52Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com