전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM7101 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 KM7101
상세설명  Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM7101 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  KM7101 Datasheet HTML 1Page - Fairchild Semiconductor KM7101 Datasheet HTML 2Page - Fairchild Semiconductor KM7101 Datasheet HTML 3Page - Fairchild Semiconductor KM7101 Datasheet HTML 4Page - Fairchild Semiconductor KM7101 Datasheet HTML 5Page - Fairchild Semiconductor KM7101 Datasheet HTML 6Page - Fairchild Semiconductor KM7101 Datasheet HTML 7Page - Fairchild Semiconductor KM7101 Datasheet HTML 8Page - Fairchild Semiconductor KM7101 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
General Description
The KM7101 is single supply, general purpose,voltage-
feedback amplifier that is pin-for-pin compatible with
the National Semiconductor LMC7101. The KM7101
is fabricated on a complementary bipolar process,
features a rail-to-rail input and output, and is unity
gain stable.
The typical non-inverting circuit schematic is shown in
Figure 1.
Figure 1: Typical Non-inverting Configuration
Input Common Mode Voltage
The common mode input range extends to 250mV
below ground and to 250mV above Vs, in single supply
operation. Exceeding these values will not cause
phase reversal. However, if the input voltage exceeds
the rails by more than 0.5V, the input ESD devices will
begin to conduct. The output will stay at the rail during
this overdrive condition.
If the absolute maximum
input voltage (700mV beyond either rail) is exceeded,
externally limit the input current to ±5mA as shown in
Figure 2.
Figure 2: Circuit for Input Current Protection
Power Dissipation
The maximum internal power dissipation allowed is
directly related to the maximum junction temperature.
If the maximum junction temperature exceeds 150°C,
some performance degradation will occur. It the max-
imum junction temperature exceeds 175°C for an
extended time, device failure may occur.
Overdrive Recovery
Overdrive of an amplifier occurs when the output
and/or input ranges are exceeded. The recovery time
varies based on whether the input or output is over-
driven and by how much the ranges are exceeded.
The KM7101 will typically recover in less than 50ns
from an overdrive condition.
Figure 3 shows the
KM7101 in an overdriven condition.
Figure 3: Overdrive Recovery
Driving Capacitive Loads
The Frequency Response vs. CL plot, illustrates the
response of the KM7101. A small series resistance (Rs)
at the output of the amplifier, illustrated in Figure 4,
will improve stability and settling performance.
Rs
values in the Frequency Response vs. CL plot were
chosen to achieve maximum bandwidth with less than
2dB of peaking. For maximum flatness, use a larger
Rs. As the plot indicates, the KM7101 can easily drive
a 50pF capacitive load without a series resistance.
Figure 4: Typical Topology for driving
a capacitive load
Driving a capacitive load introduces phase-lag into
the output signal, which reduces phase margin in the
amplifier. The unity gain follower is the most sensitive
configuration. In a unity gain follower configuration,
the KM7101 requires a 510
Ω series resistor to drive a
100pF load.
+
-
KM7101
Rf
0.01
µF
6.8
µF
Out
In
+Vs
+
Rg
Time (10
µs/div)
Output
Input
G = 5
-
+
10k
Vo
KM7101
Vin
+
-
Rf
Rg
Rs
CL
RL
DATA SHEET
KM7101
6
REV. 1B March 2001


유사한 부품 번호 - KM7101

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
KM710N FRONTIER-KM710N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM710N FRONTIER-KM710N Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM710N-LFR FRONTIER-KM710N-LFR Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
More results

유사한 설명 - KM7101

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com