전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM4212IM8TR3 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KM4212IM8TR3
상세설명  Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KM4212IM8TR3 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KM4212IM8TR3 Datasheet HTML 1Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 2Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 3Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 4Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 5Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 6Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 7Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 8Page - Fairchild Semiconductor KM4212IM8TR3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KM4212
DATA SHEET
REV. 1 August 2001
3
PARAMETERS
CONDITIONS
TYP
MIN & MAX
UNITS
NOTES
Case Temperature
+25°C
+25°C
Frequency Domain Response
-3dB bandwidth
G = +1, Vo = 0.05Vpp
7.3
MHz
1
G = +2, Vo < 0.2Vpp
3.4
MHz
full power bandwidth
G = -1, Vo = 2Vpp
2.5
MHz
gain bandwidth product
4
MHz
Time Domain Response
rise and fall time
0.2V step
50
ns
settling time to 0.1%
2V step
600
ns
overshoot
2V step,
4
%
slew rate
2V step
, G = -1
9
V/
µs
Distortion and Noise Response
2nd harmonic distortion
2Vpp, 100kHz
67
dBc
3rd harmonic distortion
2Vpp, 100kHz
60
dBc
THD
2Vpp, 100kHz
59
dB
input voltage noise
>10kHz
29
nV/
√Hz
crosstalk
0.01MHz
89
dB
DC Performance
input offset voltage
1
mV
average drift
8
µV/°C
input bias current
90
nA
average drift
100
pA/°C
input offset current
1.3
nA
power supply rejection ratio
DC
63
dB
open loop gain
76
dB
quiescent current
70
µA
Input Characteristics
input resistance
>10
M
input capacitance
1.25
pF
input common mode voltage range
-0.3 to 3.8
V
common mode rejection ratio
DC, Vcm = 0V to Vs - 1.5
97
dB
Output Characteristics
output voltage swing
RL = 10kΩ to Vs/2
0.04 to 4.96
V
RL = 2kΩ to Vs/2
0.09 to 4.9
V
linear output current
±4
mA
short circuit output current
±9
mA
power supply operating range
5
2.5 to 5.5
V
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels
are determined from tested parameters.
NOTES:
1) For G = +1, Rf = 0.
KM4212 Electrical Characteristics (Vs = +5V, G = 2, RL = 10kΩ to Vs/2, Rf = 10kΩ; unless noted)


유사한 부품 번호 - KM4212IM8TR3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8 FAIRCHILD-KM4210IM8 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4210IM8TR3 FAIRCHILD-KM4210IM8TR3 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4211IC8 FAIRCHILD-KM4211IC8 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
More results

유사한 설명 - KM4212IM8TR3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4211 FAIRCHILD-KM4211 Datasheet
180Kb / 10P
   Dual, 0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amp
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com