전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1462000-1 데이터시트(PDF) 5 Page - Tyco Electronics

부품명 4-1462000-1
상세설명  MT2 Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1462000-1 데이터시트(HTML) 5 Page - Tyco Electronics

  4-1462000-1 Datasheet HTML 1Page - Tyco Electronics 4-1462000-1 Datasheet HTML 2Page - Tyco Electronics 4-1462000-1 Datasheet HTML 3Page - Tyco Electronics 4-1462000-1 Datasheet HTML 4Page - Tyco Electronics 4-1462000-1 Datasheet HTML 5Page - Tyco Electronics 4-1462000-1 Datasheet HTML 6Page - Tyco Electronics 4-1462000-1 Datasheet HTML 7Page - Tyco Electronics 4-1462000-1 Datasheet HTML 8Page - Tyco Electronics 4-1462000-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MT2 Relay
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
150 mW coil
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
300 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
400 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
550 mW coil
U
nom =
Nominal coil voltage
U
max. =
Upper limit of the operative range of
the coil voltage (limiting voltage) when coils are
continously energized
U
op. min. =
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
U
rel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
Coil operating range
Page 5 (9)
108-98006 Rev. C
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Ambient Temperature [°C]
Ambient Temperature [°C]
150 mW
200 mW
300 mW
400 mW
550 mW
Unom. nominal coil voltage


유사한 부품 번호 - 4-1462000-1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-1462000-1 MACOM-4-1462000-1 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
4-1462000-1 MACOM-4-1462000-1 Datasheet
488Kb / 9P
   The Best Relaytion
More results

유사한 설명 - 4-1462000-1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
C93419 MACOM-C93419 Datasheet
22Kb / 1P
   MT2-Relay Dimebsions
C93401 MACOM-C93401 Datasheet
30Kb / 2P
   MT2-RELAY Dimensions
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
HRS4E ETC-HRS4E Datasheet
71Kb / 3P
   Relay
logo
GOOD SKY ELECTRIC CO., ...
GIN GOODSKY-GIN Datasheet
397Kb / 2P
   Relay
logo
Ningbo songle relay co....
SRD SONGLERELAY-SRD Datasheet
97Kb / 2P
   RELAY
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com