전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC556 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 BC556
상세설명  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC556 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  BC556 Datasheet HTML 1Page - Fairchild Semiconductor BC556 Datasheet HTML 2Page - Fairchild Semiconductor BC556 Datasheet HTML 3Page - Fairchild Semiconductor BC556 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC556/557/558/559/560 Rev. B0
1
October 2012
BC556/557/558/559/560
PNP Epitaxial Silicon Transistor
Features
• Switching and Amplifier
• High Voltage: BC556, VCEO = -65V
• Low Noise: BC559, BC560
Complement to BC546 ... BC 550
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
Electrical Characteristics T
a = 25C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC556
: BC557/560
: BC558/559
-80
-50
-30
V
V
V
VCEO
Collector-Emitter Voltage
: BC556
: BC557/560
: BC558/559
-65
-45
-30
V
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
C
TSTG
Storage Temperature
-65 ~ 150
C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-15
nA
hFE
DC Current Gain
VCE= -5V, IC=2mA
110
800
VCE(sat) Collector-Emitter Saturation Volt-
age
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-90
-250
-300
-650
mV
mV
VBE(sat) Collector-Base Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-700
-900
mV
mV
VBE(on)
Base-Emitter On Voltage
VCE= -5V, IC= -2mA
VCE= -5V, IC= -10mA
-600
-660
-750
-800
mV
mV
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA,
f=10MHz
150
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
6
pF
NF
Noise Figure : BC556/557/558
: BC559/560
: BC559
: BC560
VCE= -5V, IC= -200A
f=1KHz, RG=2K
VCE= -5V, IC= -200A
RG=2Kf=30~15000MHz
2
1
1.2
1.2
10
4
4
2
dB
dB
dB
dB
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800
1. Collector 2. Base 3. Emitter
TO-92
1


유사한 부품 번호 - BC556

제조업체부품명데이터시트상세설명
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Motorola, Inc
BC556 MOTOROLA-BC556 Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Fairchild Semiconductor
BC556 FAIRCHILD-BC556 Datasheet
43Kb / 4P
   Switching and Amplifier
logo
Unisonic Technologies
BC556 UTC-BC556 Datasheet
205Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Foshan Blue Rocket Elec...
BC556 FOSHAN-BC556 Datasheet
804Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
More results

유사한 설명 - BC556

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com