전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS61LPS51236A-250TQL 데이터시트(PDF) 4 Page - Integrated Silicon Solution, Inc

부품명 IS61LPS51236A-250TQL
상세설명  256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LPS51236A-250TQL 데이터시트(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LPS51236A-250TQL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LPS51236A-250TQL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LPS51236A-250TQL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LPS51236A-250TQL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LPS51236A-250TQL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LPS51236A-250TQL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LPS51236A-250TQL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LPS51236A-250TQL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LPS51236A-250TQL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. N
02/12/2010
IS61VPS25672A,IS61LPS25672A
IS61VPS51236A, IS61LPS51236A, IS61VPS102418A, IS61LPS102418A
PIN CONFIGURATION — 256K X 72, 209-Ball PBGA (TOP VIEW)
12
34
56
78
9
10
11
A
DQg
DQg
A
CE2
ADSP
ADSC
ADV
CE2
A
DQb
DQb
B
DQg
DQg
BWc
BWgNC
BWE
A
BWb
BWf
DQb
DQb
C
DQg
DQg
BWh
BWdNC
CE
NC
BWe
BWa
DQb
DQb
D
DQg
DQg
VSS
NC
NC
OE
GW
NC
VSS
DQb
DQb
E
DQPg
DQPc
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPf
DQPb
F
DQc
DQc
VSS
VSS
VSS
NC
VSS
VSS
VSS
DQf
DQf
G
DQc
DQc
VDDQ
VDDQ
VDD
NC
VDD
VDDQ
VDDQ
DQf
DQf
H
DQc
DQc
VSS
VSS
VSS
NC
VSS
VSS
VSS
DQf
DQf
J
DQc
DQc
VDDQ
VDDQ
VDD
NC
VDD
VDDQ
VDDQ
DQf
DQf
K
NC
NC
CLK
NC
VSS
NC
VSS
NC
NC
NC
NC
L
DQh
DQh
VDDQ
VDDQ
VDD
NC
VDD
VDDQ
VDDQ
DQa
DQa
M
DQh
DQh
VSS
VSS
VSS
NC
VSS
VSS
VSS
DQa
DQa
N
DQh
DQh
VDDQ
VDDQ
VDD
NC
VDD
VDDQ
VDDQ
DQa
DQa
P
DQh
DQh
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
DQa
DQa
R
DQPd
DQPh
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPa
DQPe
T
DQd
DQd
VSS
NC
NC
MODE
NC
NC
VSS
DQe
DQe
U
DQd
DQd
NC
A
A
A
A
A
NC
DQe
DQe
V
DQd
DQd
A
A
A
A1
A
A
A
DQe
DQe
W
DQd
DQd
TMS
TDI
A
A0
A
TDO
TCK
DQe
DQe
11 x 19 Ball BGA—14 x 22 mm2 Body—1 mm Ball Pitch
PIN DESCRIPTIONS
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address
Advance
ADSP
Address Status Processor
ADSC
Address Status Controller
GW
Global Write Enable
CLK
Synchronous Clock
CE, CE2, CE2
Synchronous Chip Select
BWx (x=a,b,c,d
Synchronous Byte Write
e,f,g,h)
Controls
Symbol
Pin Name
BWE
Byte Write Enable
OE
Output Enable
ZZ
Power Sleep Mode
MODE
Burst Sequence Selection
TCK, TDO
JTAG Pins
TMS, TDI
NC
No Connect
DQx
Data Inputs/Outputs
DQPx
Data Inputs/Outputs
VDD
3.3V/2.5V Power Supply
VDDQ
Isolated Output Power Supply
3.3V
/2.5V
Vss
Ground


유사한 부품 번호 - IS61LPS51236A-250TQL

제조업체부품명데이터시트상세설명
logo
Integrated Silicon Solu...
IS61LPS51236A-250TQ ISSI-IS61LPS51236A-250TQ Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS51236A-250TQI ISSI-IS61LPS51236A-250TQI Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

유사한 설명 - IS61LPS51236A-250TQL

제조업체부품명데이터시트상세설명
logo
Integrated Silicon Solu...
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com