전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS61LPS51236A-250B3LI 데이터시트(PDF) 3 Page - Integrated Silicon Solution, Inc

부품명 IS61LPS51236A-250B3LI
상세설명  256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LPS51236A-250B3LI 데이터시트(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LPS51236A-250B3LI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LPS51236A-250B3LI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LPS51236A-250B3LI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LPS51236A-250B3LI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LPS51236A-250B3LI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LPS51236A-250B3LI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LPS51236A-250B3LI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LPS51236A-250B3LI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LPS51236A-250B3LI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. N
02/12/2010
IS61VPS25672A,IS61LPS25672A
IS61VPS51236A, IS61LPS51236A, IS61VPS102418A, IS61LPS102418A
BOTTOM VIEW
BOTTOM VIEW
165-PIN BGA
165-Ball, 13x15 mm BGA
1mm Ball Pitch, 11x15 Ball Array
119-PIN BGA
119-Ball, 14x22 mm BGA
1mm Ball Pitch, 7x17 Ball Array
BOTTOM VIEW
209-BALL BGA
209-Ball, 14 mm x 22 mm BGA
1 mm Ball Pitch, 11 x 19 Ball Array


유사한 부품 번호 - IS61LPS51236A-250B3LI

제조업체부품명데이터시트상세설명
logo
Integrated Silicon Solu...
IS61LPS51236A-250B3 ISSI-IS61LPS51236A-250B3 Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS51236A-250B3I ISSI-IS61LPS51236A-250B3I Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

유사한 설명 - IS61LPS51236A-250B3LI

제조업체부품명데이터시트상세설명
logo
Integrated Silicon Solu...
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com