전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU37UA3WNVX-TL 데이터시트(PDF) 5 Page - Rohm

부품명 BU37UA3WNVX-TL
상세설명  Versatile Package FULL CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU37UA3WNVX-TL 데이터시트(HTML) 5 Page - Rohm

  BU37UA3WNVX-TL Datasheet HTML 1Page - Rohm BU37UA3WNVX-TL Datasheet HTML 2Page - Rohm BU37UA3WNVX-TL Datasheet HTML 3Page - Rohm BU37UA3WNVX-TL Datasheet HTML 4Page - Rohm BU37UA3WNVX-TL Datasheet HTML 5Page - Rohm BU37UA3WNVX-TL Datasheet HTML 6Page - Rohm BU37UA3WNVX-TL Datasheet HTML 7Page - Rohm BU37UA3WNVX-TL Datasheet HTML 8Page - Rohm BU37UA3WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300040-1-2
TSZ22111・15・001
5/11
21.MAR.2013.Rev.003
BUxxUA3WNVX series
Datasheet
Reference data
BU18UA3WNVX (Ta=25ºC unless otherwise specified.)
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 8
Fig. 7
LINE REGULATION
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
2.02.1 2.22.3 2.42.52.6 2.72.82.9 3.03.1 3.23.33.4 3.53.6
VIN[V]
85℃
25℃
-40℃
Vout=1.8V
Iout=10mA
LINE REGULATION
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
2.02.1 2.22.3 2.42.52.6 2.72.82.9 3.03.1 3.23.33.4 3.53.6
VIN[V]
85℃
25℃
-40℃
Vout=1.8V
Iout=300mA
LOAD REGULATION
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0
50
100
150
200
250
300
IOUT[mA]
85℃
25℃
-40℃
Vout=1.8V
OUTPUT VOLTAGE vs TEMPERATURE
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
-40
-20
0
20
406080
Temperature[℃]
10mA
150mA
300mA
Vout=1.8V
GROUND PIN CURRENT vs INPUT VOLTAGE
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VIN[V]
85℃
25℃
-40℃
Vout=1.8V
GROUND PIN CURRENT vs LOAD
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
IOUT[mA]
85℃
25℃
-40℃
Vout=1.8V


유사한 부품 번호 - BU37UA3WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU37UC3WG-TL ROHM-BU37UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU37UC3WG-TR ROHM-BU37UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

유사한 설명 - BU37UA3WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com