전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU46K482G-TL 데이터시트(PDF) 1 Page - Rohm

부품명 BU46K482G-TL
상세설명  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU46K482G-TL 데이터시트(HTML) 1 Page - Rohm

  BU46K482G-TL Datasheet HTML 1Page - Rohm BU46K482G-TL Datasheet HTML 2Page - Rohm BU46K482G-TL Datasheet HTML 3Page - Rohm BU46K482G-TL Datasheet HTML 4Page - Rohm BU46K482G-TL Datasheet HTML 5Page - Rohm BU46K482G-TL Datasheet HTML 6Page - Rohm BU46K482G-TL Datasheet HTML 7Page - Rohm BU46K482G-TL Datasheet HTML 8Page - Rohm BU46K482G-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300130-1-2
TSZ22111
14
001
1/14
17.May.2013 Rev.003
Datasheet
Voltage Detector IC Series
Counter Timer Built-in
CMOS Voltage Detector IC
BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series
General Description
ROHM’s BU45xxxxx and BU46xxxxx series are highly
accurate, low current consumption voltage detector IC
series. Because the counter timer delay circuit is built-in,
an external capacitor for the delay time setting is
unnecessary. Two output types are available (Nch open
drain and CMOS output) and detection voltages range
from 2.3V to 4.8V in increments of 0.1V with fixed delay
time of 200ms and 400ms, that may be selected
according to application.
Features
Counter Timer Built-in
No delay time setting capacitor required
Low current consumption
Two output types (Nch open drain and CMOS output)
Package SSOP3 is similar to SOT-23-3 (JEDEC)
Key Specifications
Detection voltage:
2.3V to 4.8V (Typ.)
0.1V steps
High accuracy detection voltage:
±1.0%
Low current consumption:
2.3µA (Typ.)
Operating temperature range:
-40°C to +105°C
Two internal, fixed delay time:
200ms
400ms
Package
SSOP3
2.92mm x 2.80mm x 1.25mm
Applications
Circuits using microcontrollers or logic circuits that require
a reset
Typical Application Circuit
Connection Diagram
Pin Descriptions
BU45KxxxG / BU46KxxxG
BU45LxxxG / BU46LxxxG
PIN No.
Symbol
Function
1
GND
GND
2
VOUT
Reset Output
3
VDD
Power Supply Voltage
PIN No.
Symbol
Function
1
VOUT
Reset Output
2
VDD
Power Supply Voltage
3
GND
GND
Open Drain Output Type
BU45xxxxx series
CMOS Output Type
BU46xxxxx series
Product structure
Silicon monolithic integrated circuit
This product is not designed for protection against radioactive rays.
VDD1
VDD2
GND
BU45 xxxxx
CL
Noise-filtering
Capacitor
RL
RST
Micro
controller
TOP VIEW
SSOP3
BU45K
xxx
xxx
xxx
xxx
G
BU46K
xxx
xxx
xxx
xxx
G
1
2
3
VOUT
VDD
GND
CL
Noise-filtering
Capacitor
VDD1
GND
BD46 xxxxx
RST
Micro
controller
BU45L
xxx
xxx
xxx
xxx
G
BU46L
xxx
xxx
xxx
xxx
G
1
2
3
GND
VOUT
VDD


유사한 부품 번호 - BU46K482G-TL

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
BU4-005 FRONTIER-BU4-005 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-01 FRONTIER-BU4-01 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-02 FRONTIER-BU4-02 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-04 FRONTIER-BU4-04 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-06 FRONTIER-BU4-06 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

유사한 설명 - BU46K482G-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com