전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU46K234G-TL 데이터시트(PDF) 7 Page - Rohm

부품명 BU46K234G-TL
상세설명  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU46K234G-TL 데이터시트(HTML) 7 Page - Rohm

Back Button BU46K234G-TL Datasheet HTML 3Page - Rohm BU46K234G-TL Datasheet HTML 4Page - Rohm BU46K234G-TL Datasheet HTML 5Page - Rohm BU46K234G-TL Datasheet HTML 6Page - Rohm BU46K234G-TL Datasheet HTML 7Page - Rohm BU46K234G-TL Datasheet HTML 8Page - Rohm BU46K234G-TL Datasheet HTML 9Page - Rohm BU46K234G-TL Datasheet HTML 10Page - Rohm BU46K234G-TL Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300130-1-2
TSZ22111
15
001
7/14
17.May.2013 Rev.003
BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series
Datasheet
Typical Performance Curves - Continued
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[°C]
BU45K232G
Fig.8 Circuit Current when ON
(VDD=VDET-0.2V)
VDD=2.1V
2.1
2.2
2.3
2.4
2.5
2.6
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[°C]
Fig.7 Detection Voltage
Release Voltage
[BU45K232G]
Low to high(V DET +
∆V DET )
High to low(V DET )
Fig.9 Circuit Current when OFF
(VDD=VDET+1V)
VDD=3.3V
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[°C]
BU45K232G
Fig.10 Operating Limit Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[°C]
BU45K232G


유사한 부품 번호 - BU46K234G-TL

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
BU4-005 FRONTIER-BU4-005 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-01 FRONTIER-BU4-01 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-02 FRONTIER-BU4-02 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-04 FRONTIER-BU4-04 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-06 FRONTIER-BU4-06 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

유사한 설명 - BU46K234G-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com