전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU3JUA3WNVX-TL 데이터시트(PDF) 2 Page - Rohm

부품명 BU3JUA3WNVX-TL
상세설명  Versatile Package FULL CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU3JUA3WNVX-TL 데이터시트(HTML) 2 Page - Rohm

  BU3JUA3WNVX-TL Datasheet HTML 1Page - Rohm BU3JUA3WNVX-TL Datasheet HTML 2Page - Rohm BU3JUA3WNVX-TL Datasheet HTML 3Page - Rohm BU3JUA3WNVX-TL Datasheet HTML 4Page - Rohm BU3JUA3WNVX-TL Datasheet HTML 5Page - Rohm BU3JUA3WNVX-TL Datasheet HTML 6Page - Rohm BU3JUA3WNVX-TL Datasheet HTML 7Page - Rohm BU3JUA3WNVX-TL Datasheet HTML 8Page - Rohm BU3JUA3WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300040-1-2
TSZ22111・15・001
2/11
21.MAR.2013.Rev.003
BUxxUA3WNVX series
Datasheet
●Connection Diagram
●Pin Descriptions
● Ordering Information
1 VOUT
2 GND
3 STBY
4 VIN
SSON004X1010 (TOP VIEW)
Part Number Marking
LOT Number
1PIN MARK
1
2
SSON004X1010
PIN No.
Symbol
Function
1
VOUT
Output Voltage
2
GND
Grouding
3
STBY
ON/OFF control of output voltage
(High: ON, Low: OFF)
4
VIN
Power Supply Voltage
BU
x
x
U
A
3
W
N
V
X
-
T
L
Part
Output Voltage
Low Dropout Voltage
with
Package
Packageing and forming specification
Number
10 : 1.0V
Maximum Output Current
output discharge NVX : SSON004X1010
Embossed tape and reel
300mA
TL : The pin number 1 is the lower left
37 : 3.7V
SSON004X1010
(Unit : mm)
1.0
±0.1
1PIN MARK
S
0.05
0.65
±0.05
0.48
±0.05
0.25
±0.05
1
45º
4
2
3
3-C0.18
R0.05
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the left hand
5000pcs
TL
()
Direction of feed
Reel
1pin


유사한 부품 번호 - BU3JUA3WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU3JUC3WG-TL ROHM-BU3JUC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU3JUC3WG-TR ROHM-BU3JUC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

유사한 설명 - BU3JUA3WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com