전자부품 데이터시트 검색엔진 |
|
BU45L384 데이터시트(PDF) 10 Page - Rohm |
|
BU45L384 데이터시트(HTML) 10 Page - Rohm |
10 / 17 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0R7R0G300130-1-2 TSZ22111 ・ 15 ・ 001 10/14 17.May.2013 Rev.003 BU45Kxxxx, BU46Kxxxx, BU45Lxxxx, BU46Lxxxx series Datasheet ● Circuit Applications 1. Examples of a common power supply detection reset circuit. Application examples of BU45xxxxx series (Open Drain output type) and BU46xxxxx series (CMOS output type) are shown below. CASE1: Power supply of microcontroller (VDD2) differs from the power supply of the reset detection (VDD1). Use an open drain output Type (BU45xxxxx series) device with a load resistance RL as shown Fig.16. CASE2: Power supply of the microcontroller (VDD1) is same as the power supply of the reset detection (VDD1). Use a CMOS output type (BU46xxxxx) device or an open drain output type (BU45xxxxx) with pull up resistor between the output and VDD1. (As shown Fig.17) When a capacitance CL for noise filtering is connected to the VOUT pin (the reset signal input terminal of the microcontroller), please take into account the waveform of the rise and fall of the output voltage (VOUT). 2. The following is an example of a circuit application in which an OR connection between two types of detection voltage resets the microcontroller. Fig. 18 To reset the microcontroller when many independent power supplies are used in the system, OR connect an open drain output type (BU45xxxxx series) to the microcontroller’s input with pull-up resistor to the supply voltage of the microcontroller (VDD3) as shown in Fig. 18. By pulling-up to VDD3, output “High” voltage of micro-controller power supply is possible. Fig.16 Open Drain Output Type Fig.17 CMOS Output Type VDD1 VDD2 GND BU45xxxxx CL ( Noise-filtering Capacitor ) RL RST Micro controller CL ( Noise-filtering Capacitor ) VDD1 GND BU46xxxxx RST Micro controller VDD2 VDD1 VDD3 GND RST Micro controller RL BU45xxxxx BU45xxxxx |
유사한 부품 번호 - BU45L384 |
|
유사한 설명 - BU45L384 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |