전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS1H-CPU65-E 데이터시트(PDF) 7 Page - Omron Electronics LLC

부품명 CS1H-CPU65-E
상세설명  CS1 Ordering Guide C200H Basic I/O Modules
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1H-CPU65-E 데이터시트(HTML) 7 Page - Omron Electronics LLC

Back Button CS1H-CPU65-E Datasheet HTML 3Page - Omron Electronics LLC CS1H-CPU65-E Datasheet HTML 4Page - Omron Electronics LLC CS1H-CPU65-E Datasheet HTML 5Page - Omron Electronics LLC CS1H-CPU65-E Datasheet HTML 6Page - Omron Electronics LLC CS1H-CPU65-E Datasheet HTML 7Page - Omron Electronics LLC CS1H-CPU65-E Datasheet HTML 8Page - Omron Electronics LLC CS1H-CPU65-E Datasheet HTML 9Page - Omron Electronics LLC CS1H-CPU65-E Datasheet HTML 10Page - Omron Electronics LLC CS1H-CPU65-E Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
CS1 Ordering Guide
484
C200H Basic I/O Modules
B7A Transistor I/O Link Modules
Item/Description
Part number
Appearance
I/O
classification
I/O configuration
I/O delay (typical)
Internal I/O
common
Error processing
(See Note 1.)
Input,
16 points
NPN compatible
Normal speed 19.2 ms
-- common
B7A-T6A1
(See Note 2.)
+/-- common
B7A-T6B1
(See Note 2.)
PNP compatible
+/-- common
B7A-T6C1
NPN compatible
High speed 3 ms
-- common
B7A-T6A6
(See Note 2.)
+/-- common
B7A-T6B6
(See Note 2.)
PNP compatible
+/-- common
B7A-T6C6
Output,
16
i t
NPN open collector
100
A/
i t
Normal speed 19.2 ms
+ common
HOLD
B7A-R6B11
,
16 points
100 mA/point
LOAD OFF
B7A-R6B31
NPN open collector
500 mA/point
HOLD
B7A-R6C11
500 mA/point
(See Note 3.)
LOAD OFF
B7A-R6C31
PNP open collector
100
A/
i t
-- common
HOLD
B7A-R6F11
100 mA/point
LOAD OFF
B7A-R6F31
PNP open collector
500 mA/point
HOLD
B7A-R6G11
500 mA/point
(See Note 4.)
LOAD OFF
B7A-R6G31
NPN open collector
100
A/
i t
High speed 3 ms
+ common
HOLD
B7A-R6B16
100 mA/point
g
LOAD OFF
B7A-R6B36
NPN open collector
500 mA/point
HOLD
B7A-R6C16
500 mA/point
(See Note 3.)
LOAD OFF
B7A-R6C36
PNP open collector
100
A/
i t
-- common
HOLD
B7A-R6F16
100 mA/point
LOAD OFF
B7A-R6F36
PNP open collector
500 mA/point
HOLD
B7A-R6G16
500 mA/point
(See Note 4.)
LOAD OFF
B7A-R6G36
Input,
16
i t
NPN compatible
Normal speed 19.2 ms
+/-- common
B7AS-T6B1
,
16 points
High speed 3 ms
B7AS-T6B6
Output,
16
i t
NPN open collector
100
A/
i t
Normal speed 19.2 ms
HOLD
B7AS-R6B11
,
16 points
100 mA/point
LOAD OFF
B7AS-R6B31
High speed 3 ms
HOLD
B7AS-R6B16
g
LOAD OFF
B7AS-R6B36
Note:
1.
HOLD: The previous output condition will be on hold when an error occurs.
LOAD OFF: All outputs will be OFF when an error occurs.
2.
The 16--point B7A-T6A
P and 16--point B7A-T6BP are different from each other in terminal configuration.
3.
N-channel MOSFET open drain output
4.
P-channel MOSFET open drain output


유사한 부품 번호 - CS1H-CPU65-E

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
CS1H-CPU65-E OMRON-CS1H-CPU65-E Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

유사한 설명 - CS1H-CPU65-E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com