전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7101SPY1V21PE 데이터시트(PDF) 10 Page - C&K Components

부품명 7101SPY1V21PE
상세설명  7000 Series Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101SPY1V21PE 데이터시트(HTML) 10 Page - C&K Components

Back Button 7101SPY1V21PE Datasheet HTML 6Page - C&K Components 7101SPY1V21PE Datasheet HTML 7Page - C&K Components 7101SPY1V21PE Datasheet HTML 8Page - C&K Components 7101SPY1V21PE Datasheet HTML 9Page - C&K Components 7101SPY1V21PE Datasheet HTML 10Page - C&K Components 7101SPY1V21PE Datasheet HTML 11Page - C&K Components 7101SPY1V21PE Datasheet HTML 12Page - C&K Components 7101SPY1V21PE Datasheet HTML 13Page - C&K Components 7101SPY1V21PE Datasheet HTML 14Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
F–12
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
Actuator Shown In Pos. 1
SECTION A-A
PC MOUNTING
Dim ‘A’
Actuator Shown In Pos. 1
Snap-In
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
V2, V6, V7, V8
VERTICAL MOUNT, V-BRACKET
V21, V71, V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
7401MD9AV2BE
Vertical Actuation
4PDT
7101MD9__BE
SPDT
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
Not available with I seal option.
V2, V21
.555 (14,10)
V6
.460 (11,68)
V7, V71
.630 (16,00)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE
Actuator Shown In Pos. 1
SECTION A-A
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
7301MD9AV2BE
Vertical Actuation
3PDT
7000 Series
Miniature Toggle Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING


유사한 부품 번호 - 7101SPY1V21PE

제조업체부품명데이터시트상세설명
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101SYZBE CK-COMPONENTS-7101SYZBE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
More results

유사한 설명 - 7101SPY1V21PE

제조업체부품명데이터시트상세설명
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7201SYZQE CK-COMPONENTS-7201SYZQE_13 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com