전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL2530W 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 HCPL2530W
상세설명  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2530W 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL2530W Datasheet HTML 3Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 4Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 5Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 6Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 7Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 8Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 9Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 10Page - Fairchild Semiconductor HCPL2530W Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
7
Typical Performance Curves
Fig. 1 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 2 Normalized CTR vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 3 Output Current vs. Output Voltage
VO – OUTPUT VOLTAGE (V)
02468
10
12
14161820
0
2
4
6
8
10
12
14
16
IF = 5mA
IF = 10mA
IF = 15mA
IF = 20mA
IF = 25mA
IF = 30mA
IF = 35mA
IF = 40mA
Normalized to:
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25°C
Normalized to:
TA = 25°C
IF = 16mA
VCC = 5 V
VO = 0.4 V
Fig. 4 Logic High Output Current
vs. Temperature
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
Fig. 5 Propagation Delay vs. Temperature
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
700
800
RL = 1.9kΩ (TPHL)
R = 4.1k
Ω (TPLH)
L
RL = 1.9kΩ (TPLH)
RL = 4.1kΩ (TPLH)
Fig. 6 Propagation Delay vs. Load Resistance
RL – LOAD RESISTANCE (kΩ)
1
10
100
1000
10000
IF - 16mA (TPHL)
IF - 10mA (TPHL)
IF - 10mA (TPLH)
IF - 16mA (TPLH)
TA = 25°C
VCC = 5 V
IF = 0 mA
VCC = 5 V
VO = 5 V
IF = 16mA
VCC = 5 V
VCC = 5 V
TA = 25°C


유사한 부품 번호 - HCPL2530W

제조업체부품명데이터시트상세설명
logo
Texas Instruments
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2530 FAIRCHILD-HCPL2530 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL2530M FAIRCHILD-HCPL2530M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
More results

유사한 설명 - HCPL2530W

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com