전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N136 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 6N136
상세설명  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N136 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 6N136 Datasheet HTML 2Page - Fairchild Semiconductor 6N136 Datasheet HTML 3Page - Fairchild Semiconductor 6N136 Datasheet HTML 4Page - Fairchild Semiconductor 6N136 Datasheet HTML 5Page - Fairchild Semiconductor 6N136 Datasheet HTML 6Page - Fairchild Semiconductor 6N136 Datasheet HTML 7Page - Fairchild Semiconductor 6N136 Datasheet HTML 8Page - Fairchild Semiconductor 6N136 Datasheet HTML 9Page - Fairchild Semiconductor 6N136 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N135, 6N136, HCPL2503, HCPL4502, HCPL2530, HCPL2531 Rev. 1.0.7
6
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
Notes:
9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
Symbol
Characteristics
Test Conditions
Min
Typ**
Max
Unit
II-O
Input-Output Insulation
Leakage Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000 VDC
(9)
1.0
µA
VISO
Withstand Insulation Test
Voltage
RH
≤ 50%, T
A = 25°C, II-O ≤ 2µA,
t = 1 min.(9)
2500
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500VDC
(9)
1012
CI-O
Capacitance (Input to Output)
f = 1MHz(9)
0.6
pF
HFE
DC Current Gain
IO = 3mA, VO = 5V
(9)
150
II-I
Input-Input Insulation Leakage
Current
RH
≤ 45%, V
I-I = 500VDC
(10)
t = 5 s, (HCPL2530/2531 only)
0.005
µA
RI-I
Input-Input Resistance
VI-I = 500 VDC
(10)
(HCPL2530/2531 only)
1011
CI-I
Input-Input Capacitance
f = 1MHz)(10)
(HCPL2530/2531 only)
0.03
pF


유사한 부품 번호 - 6N136

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N136 FAIRCHILD-6N136 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136 AVAGO-6N136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Sharp Corporation
6N136 SHARP-6N136 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
Toshiba Semiconductor
6N136 TOSHIBA-6N136 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
More results

유사한 설명 - 6N136

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com