전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA78M05RTM 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 KA78M05RTM
상세설명  3-Terminal 0.5 A Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78M05RTM 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  KA78M05RTM Datasheet HTML 1Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 2Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 3Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 4Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 5Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 6Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 7Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 8Page - Fairchild Semiconductor KA78M05RTM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78M05 / LM78M05 / MC78M05 Rev. 1.1.0
4
Typical Applications
Figure 2. Fixed-Output Regulator
Figure 3. Constant-Current Regulator
Notes:
5. CI is required if the regulator is located an appreciable distance from the power supply filter.
6. Although no output capacitor is needed for stability, it does improve transient response.
0.1
μF
CO
CI
0.3
μF
VO
VI
1
3
2
KA78M05
LM78M05
MC78M05
0.1
μF
CO
CI
0.33
μF
IO
VI
1
3
2
VXX
IO
R1
IO = R
1
+IO
Vxx
KA78M05
LM78M05
MC78M05


유사한 부품 번호 - KA78M05RTM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

유사한 설명 - KA78M05RTM

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com