전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1849K 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD1849K
상세설명  Serial-Port 16-Bit SoundPort짰 Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1849K 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD1849K Datasheet HTML 3Page - Analog Devices AD1849K Datasheet HTML 4Page - Analog Devices AD1849K Datasheet HTML 5Page - Analog Devices AD1849K Datasheet HTML 6Page - Analog Devices AD1849K Datasheet HTML 7Page - Analog Devices AD1849K Datasheet HTML 8Page - Analog Devices AD1849K Datasheet HTML 9Page - Analog Devices AD1849K Datasheet HTML 10Page - Analog Devices AD1849K Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD1849K
REV. A
–7–
PIN FUNCTION DESCRIPTIONS
Digital Signals
Pin Name
PLCC
I/O
Description
SDRX
1
I
Receive Serial Data Pin
SDTX
44
O
Transmit Serial Data Pin
SCLK
43
I/O
Bidirectional Serial Bit Clock
FSYNC
42
O
Frame Sync Output Signal
TSOUT
41
O
Chaining Word Output
TSIN
40
I
Chaining Word Input
D/
C
35
I
Data/Control Select Input
CIN1
6
I
Crystal 1 Input
COUT1
7
O
Crystal 1 Output
CIN2
10
I
Crystal 2 Input
COUT2
11
O
Crystal 2 Output
CLKIN
4
I
External Sample Clock Input (256
× FS)
CLKOUT
5
O
External Sample Clock Output (256
× FS)
PDN
13
I
Power Down Input (Active HI)
RESET
12
I
Reset Input (Active LO)
PIO1
37
I/O
Parallel Input/Output Bit 1
PIO0
36
I/O
Parallel Input/Output Bit 0
Analog Signals
Pin Name
PLCC
I/O
Description
LINL
18
I
Left Channel Line Input
LINR
16
I
Right Channel Line Input
MINL
17
I
Left Channel Microphone Input (–20 dB from Line Level if MB = 0 or Line Level if MB = 1)
MINR
15
I
Right Channel Microphone Input (–20 dB from Line Level if MB = 0 or Line Level if MB = 1)
LOUT0L
32
O
Left Channel Line Output 0
LOUT0R
33
O
Right Channel Line Output 0
LOUT1L
31
O
Left Channel Line Output 1
LOUT1R
29
O
Right Channel Line Output 1
LOUT1C
30
I
Common Return Path for Large Current from External Headphones
MOUT
27
O
Mono Speaker Output
MOUTR
28
I
Mono Speaker Output Return
C0
14
O
External 1.0
µF Capacitor (±10%) Connection
C1
20
O
External 1.0
µF Capacitor (±10%) Connection
N/C
26
No Connect (Do Not Connect)
N/C
34
No Connect (Do Not Connect)
VREF
21
O
Voltage Reference (Connect to Bypass Capacitor)
CMOUT
19
O
Common Mode Reference Datum Output (Nominally 2.25 V)
Power Supplies
Pin Name
PLCC
I/O
Description
VCC
23 and 24
I
Analog Supply Voltage (5 V)
GNDA
22 and 25
I
Analog Ground
VDD
3, 8, 38
I
Digital Supply Voltage (5 V)
GNDD
2, 9, 39
I
Digital Ground


유사한 부품 번호 - AD1849K

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849KP AD-AD1849KP Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
More results

유사한 설명 - AD1849K

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com