전자부품 데이터시트 검색엔진 |
|
OP1177 데이터시트(PDF) 5 Page - Analog Devices |
|
OP1177 데이터시트(HTML) 5 Page - Analog Devices |
5 / 28 page Data Sheet AD5444/AD5446 Rev. E | Page 5 of 28 TIMING CHARACTERISTICS All input signals are specified with tr = tf = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2 = 0 V, temperature range for Y version: −40°C to +125°C; all specifications TMIN to TMAX, unless otherwise noted. Table 2. Parameter1 VDD = 4.5 V to 5.5 V VDD = 2.5 V to 5.5 V Unit Conditions/Comments fSCLK 50 50 MHz max Maximum clock frequency. t1 20 20 ns min SCLK cycle time. t2 8 8 ns min SCLK high time. t3 8 8 ns min SCLK low time. t4 8 8 ns min SYNC falling edge to SCLK active edge setup time. t5 5 5 ns min Data setup time. t6 4.5 4.5 ns min Data hold time. t7 5 5 ns min SYNC rising edge to SCLK active edge setup time t8 30 30 ns min Minimum SYNC high time. t9 23 30 ns min SCLK active edge to SDO valid. Update Rate 2.7 2.7 MSPS Consists of cycle time, SYNC high time, data setup time and output voltage settling time. 1 Guaranteed by design and characterization; not subject to production test. t7 t1 t3 t2 t4 t5 t6 DB15 DB0 SCLK SYNC SDIN t8 Figure 2. Standalone Timing Diagram DB15 (N) DB0 (N) DB15 (N + 1) DB0 (N + 1) SCLK SDIN SDO NOTES ALTERNATIVELY, DATA CAN BE CLOCKED INTO INPUT SHIFT REGISTER ON RISING EDGE OF SCLK AS DETERMINED BY CONTROL BITS. IN THIS CASE, DATA IS CLOCKED OUT OF SDO ON FALLING EDGE OF SCLK. TIMING AS ABOVE, WITH SCLK INVERTED. t4 t5 t6 t2 t1 t3 t7 t8 t9 DB15 (N) DB0 (N) SYNC Figure 3. Daisy-Chain Timing Diagram |
유사한 부품 번호 - OP1177 |
|
유사한 설명 - OP1177 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |