전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3222ARSZ-REEL 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADM3222ARSZ-REEL
상세설명  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3222ARSZ-REEL 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADM3222ARSZ-REEL Datasheet HTML 2Page - Analog Devices ADM3222ARSZ-REEL Datasheet HTML 3Page - Analog Devices ADM3222ARSZ-REEL Datasheet HTML 4Page - Analog Devices ADM3222ARSZ-REEL Datasheet HTML 5Page - Analog Devices ADM3222ARSZ-REEL Datasheet HTML 6Page - Analog Devices ADM3222ARSZ-REEL Datasheet HTML 7Page - Analog Devices ADM3222ARSZ-REEL Datasheet HTML 8Page - Analog Devices ADM3222ARSZ-REEL Datasheet HTML 9Page - Analog Devices ADM3222ARSZ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CAPACITANCE (pF)
8
6
4
2
0
–2
–4
–6
–8
0
1200
200
400
600
800
TOUT (HIGH)
TOUT (LOW)
1000
Figure 8. Transmitter Output Voltage High/Low vs.
Load Capacitance @ 460 kbps
VCC (V)
8
2.7
2.9
3.1
3.3
3.5
Tx O/P HIGH
6
4
2
0
2
4
6
8
Tx O/P LOW
Figure 9. Transmitter Output Voltage vs. VCC
LOAD CURRENT (mA)
8
02468
6
4
2
0
–2
–4
–6
–8
10
12
Tx O/P LOW
Tx O/P HIGH
Figure 10. Transmitter Output Voltage Low/High vs. Load Current
LOAD CURRENT (mA)
8
02
468
V+
6
4
2
0
–2
–4
–6
–8
V–
10
12
Figure 11. Charge Pump V+, V− vs. Load Current
VCC (V)
350
2.7
2.9
3.1
3.3
3.5
300
250
200
150
100
50
0
V+ (IMPEDANCE)
V– (IMPEDANCE)
Figure 12. Charge Pump Impedance vs. VCC
LOAD CAPACITANCE (pF)
20
0
1000
2000
3000
ICC @ 230kbps
18
16
14
12
10
2
0
8
6
4
ICC @ 460kbps
Figure 13. Power Supply Current vs. Load Capacitance


유사한 부품 번호 - ADM3222ARSZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3222ARSZ-REEL AD-ADM3222ARSZ-REEL Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARSZ-REEL7 AD-ADM3222ARSZ-REEL7 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results

유사한 설명 - ADM3222ARSZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com