전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1638MC 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LB1638MC
상세설명  Low-Voltage, Low-Saturation Bidirectional Motor Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1638MC 데이터시트(HTML) 2 Page - ON Semiconductor

  LB1638MC Datasheet HTML 1Page - ON Semiconductor LB1638MC Datasheet HTML 2Page - ON Semiconductor LB1638MC Datasheet HTML 3Page - ON Semiconductor LB1638MC Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1638MC
No.A2026-2/4
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
2.5 to 9.0
V
Supply voltage range
VS
2.2 to 9.0
V
Input high-level voltage
VIH
2.0 to 9.0
V
Input low-level
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
VIN1,2
ICC + IS
10
μA
ICC1
VIN1 = 3V, VIN2 = 0V
ICC + IS
20
mA
Current drain
ICC2
VIN1,2 = 3V
ICC + IS
40
mA
VOUT1
IOUT = 200mA
0.25
0.5
V
Output saturation voltage
(upper + lower)
VOUT2
IOUT = 500mA
0.70
1.3
V
Output pin voltage difference
IO = 200mA
0.1
V
Output sustain voltage
VO(sus)
IOUT = 500mA
9
V
Input current
IIN
VIN = 7V, VCC = 7V
0.5
mA
Spark killer diode
Reverse current
IS(leak)
VCC, VS = 7V
10
μA
Forward voltage
VSF
IOUT = 200mA
1.7
V
Package Dimensions
unit : mm (typ)
3426A
-20
0
20
40
60
80
100
0
750
500
250
Pd max -- Ta
1000
75
820
492
Ambient temperature, Ta -- C
Specified board: 114.3
×76.1×1.6mm3
glass epoxy board.
SANYO : SOIC10
4.9
6
10
5
1
0.21
0.41
1.0


유사한 부품 번호 - LB1638MC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

유사한 설명 - LB1638MC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com