전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD688ARWZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD688ARWZ
상세설명  High Precision 10 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD688ARWZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD688ARWZ Datasheet HTML 2Page - Analog Devices AD688ARWZ Datasheet HTML 3Page - Analog Devices AD688ARWZ Datasheet HTML 4Page - Analog Devices AD688ARWZ Datasheet HTML 5Page - Analog Devices AD688ARWZ Datasheet HTML 6Page - Analog Devices AD688ARWZ Datasheet HTML 7Page - Analog Devices AD688ARWZ Datasheet HTML 8Page - Analog Devices AD688ARWZ Datasheet HTML 9Page - Analog Devices AD688ARWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD688
Rev. B | Page 6 of 16
THEORY OF OPERATION
The AD688 consists of a buried Zener diode reference,
amplifiers and associated thin-film resistors as shown in
Figure 3. The temperature compensation circuitry provides the
device with a temperature coefficient of 1.5 ppm/°C or less.
Amplifier A1 performs several functions. A1 primarily acts to
amplify the Zener voltage to the required 20 V. In addition, A1
also provides for external adjustment of the 20 V output
through Pin 5 (GAIN ADJ). Using the bias compensation
resistor between the Zener output and the noninverting input to
A1, a capacitor can be added at the noise reduction pin (Pin 7)
to form a low-pass filter and reduce the noise contribution of
the Zener to the circuit. Two matched 12 kΩ nominal thin-film
resistors (R4 and R5) divide the 20 V output in half.
Ground sensing for the circuit is provided by amplifier A2. The
noninverting input (Pin 9) senses the system ground and forces
the midpoint of resistors R4 and R5 to be a virtual ground.
Pin 12 (BAL ADJ) can be used for fine adjustment of this
midpoint transfer.
Amplifiers A3 and A4 are internally compensated and are used
to buffer the voltages at Pin 6 and Pin 8 as well as to provide a
full Kelvin output. Thus, the AD688 has a full Kelvin capability
by providing the means to sense a system ground, and forced
and sensed outputs referenced to that ground.
R3
RB
R1
R2
R4
R5
R6
GAIN
ADJ
GND
SENSE
+IN
NC
VLOW BAL
ADJ
NC
A4 IN
–VS
+VS
–10V OUT
FORCE
–10V OUT
SENSE
+10V OUT
FORCE
+10V OUT
SENSE
A3 IN
VHIGH
NOISE
REDUCTION
A1
A4
A3
A2
AD688
7
6
4
3
1
14
2
15
16
5
9
10
8
12
11
13
NC = NO CONNECT
Figure 3. Functional Block Diagram


유사한 부품 번호 - AD688ARWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD688AQ AD-AD688AQ Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
More results

유사한 설명 - AD688ARWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
REF01 AD-REF01 Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com