전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5662ARJ-1500RL7 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD5662ARJ-1500RL7
상세설명  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5662ARJ-1500RL7 데이터시트(HTML) 5 Page - Analog Devices

  AD5662ARJ-1500RL7 Datasheet HTML 1Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 2Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 3Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 4Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 5Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 6Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 7Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 8Page - Analog Devices AD5662ARJ-1500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5662
Rev. A | Page 5 of 24
TIMING CHARACTERISTICS
All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Limit at TMIN, TMAX
Parameter
VDD = 2.7 V to 3.6 V
VDD = 3.6 V to 5.5 V
Unit
Conditions/Comments
t11
50
33
ns min
SCLK cycle time
t2
13
13
ns min
SCLK high time
t3
13
13
ns min
SCLK low time
t4
13
13
ns min
SYNC to SCLK falling edge setup time
t5
5
5
ns min
Data setup time
t6
4.5
4.5
ns min
Data hold time
t7
0
0
ns min
SCLK falling edge to SYNC rising edge
t8
50
33
ns min
Minimum SYNC high time
t9
13
13
ns min
SYNC rising edge to SCLK fall ignore
t10
0
0
ns min
SCLK falling edge to SYNC fall ignore
1 Maximum SCLK frequency is 30 MHz at VDD = 3.6 V to 5.5 V, and 20 MHz at VDD = 2.7 V to 3.6 V.
DIN
SYNC
SCLK
DB23
DB0
t9
t10
t4
t3
t2
t7
t6
t5
t1
t8
Figure 2. Serial Write Operation


유사한 부품 번호 - AD5662ARJ-1500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5662ARJ-1 AD-AD5662ARJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

유사한 설명 - AD5662ARJ-1500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com