전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8306AR 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8306AR
상세설명  Limiting-Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8306AR 데이터시트(HTML) 4 Page - Analog Devices

  AD8306AR Datasheet HTML 1Page - Analog Devices AD8306AR Datasheet HTML 2Page - Analog Devices AD8306AR Datasheet HTML 3Page - Analog Devices AD8306AR Datasheet HTML 4Page - Analog Devices AD8306AR Datasheet HTML 5Page - Analog Devices AD8306AR Datasheet HTML 6Page - Analog Devices AD8306AR Datasheet HTML 7Page - Analog Devices AD8306AR Datasheet HTML 8Page - Analog Devices AD8306AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
AD8306
–4–
ENABLE VOLTAGE – V
100
0.5
10
1
0.1
0.01
0.001
0.0001
0.00001
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
TA = +25 C
TA = +85 C
TA = –40 C
Figure 1. Supply Current vs. Enable Voltage @
TA = –40°C, +25°C and +85°C
RLIM
14
0
12
10
8
6
4
2
0
50
100
150
200
250
300
350
400
450
ADDITIONAL SUPPLY CURRENT
LIMITER OUTPUT
CURRENT
Figure 2. Additional Supply Current and Limiter Output
Current vs. RLIM
500mV PER
VERTICAL
DIVISION
2V PER
VERTICAL
DIVISION
VLOG
GROUND REFERENCE
INPUT
100ns PER HORIZONTAL DIVISION
Figure 3. Large Signal RSSI Pulse Response with
CL = 100 pF and RL = 50 Ω and 75 Ω (Curves Overlap)
–Typical Performance Characteristics
500mV PER
VERTICAL
DIVISION
GROUND REFERENCE
INPUT
1V PER
VERTICAL
DIVISION
100ns PER HORIZONTAL DIVISION
INPUT LEVEL
SHOWN IS –3dBV
VLOG
Figure 4. RSSI Pulse Response for Inputs Stepped from
Zero to –83 dBV, –63 dBV, –43 dBV, –23 dBV, –3 dBV
500mV PER
VERTICAL
DIVISION
100ns PER HORIZONTAL DIVISION
INPUT
2V PER
VERTICAL
DIVISION
GROUND REFERENCE
VLOG
Figure 5. Large Signal RSSI Pulse Response with RL = 100 Ω
and CL = 33 pF, 100 pF and 330 pF (Overlapping Curves)
200mV PER
VERTICAL
DIVISION
GROUND REFERENCE
100 s PER HORIZONTAL DIVISION
270pF
27pF
3300pF
VLOG
Figure 6. Small Signal AC Response of RSSI Output with
External Filter Capacitance of 27 pF, 270 pF and 3300 pF


유사한 부품 번호 - AD8306AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8306AR AD-AD8306AR Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL AD-AD8306AR-REEL Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
More results

유사한 설명 - AD8306AR

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com