전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSD794 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KSD794
상세설명  Audio Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD794 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KSD794 Datasheet HTML 1Page - Fairchild Semiconductor KSD794 Datasheet HTML 2Page - Fairchild Semiconductor KSD794 Datasheet HTML 3Page - Fairchild Semiconductor KSD794 Datasheet HTML 4Page - Fairchild Semiconductor KSD794 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Current Gain Bandwidth Product
Figure 6. Safe Operating Area
0
10
203040
50
0.0
0.4
0.8
1.2
1.6
2.0
I
B = 2mA
I
B = 4mA
I
B = 6mA
I
B = 8mA
I
B
= 10mA
I
B = 12mA
I
B
= 18mA
I
B = 16mA
I
B = 20mA
I
B = 14mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
1E-3
0.01
0.1
1
10
10
100
1000
V
CE
= 5V
I
C[A], COLLECTOR CURRENT
1E-3
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 10 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
110
100
10
100
1000
I
E=0
f=1MHz
V
CB[V], COLLECTOR-BASE VOLTAGE
0.01
0.1
1
1
10
100
1000
V
CE
= 5V
I
C[A], COLLECTOR CURRENT
1
10
100
0.01
0.1
1
10
I
C(DC) MAX.
PW
=100u
s
1m
s
Diss
ipat
ion
Lim
ited
DC
10
ms
I
C(Pulse) MAX.
V
CE[V], COLLECTOR-EMITTER VOLTAGE


유사한 부품 번호 - KSD794

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KSD794 SAMSUNG-KSD794 Datasheet
171Kb / 5P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSD794 FAIRCHILD-KSD794 Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
logo
Inchange Semiconductor ...
KSD794 ISC-KSD794 Datasheet
138Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSD794A FAIRCHILD-KSD794A Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
More results

유사한 설명 - KSD794

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com