전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8347ARU 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8347ARU
상세설명  0.8 GHz to 2.7 GHz Direct Conversion
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8347ARU 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8347ARU Datasheet HTML 6Page - Analog Devices AD8347ARU Datasheet HTML 7Page - Analog Devices AD8347ARU Datasheet HTML 8Page - Analog Devices AD8347ARU Datasheet HTML 9Page - Analog Devices AD8347ARU Datasheet HTML 10Page - Analog Devices AD8347ARU Datasheet HTML 11Page - Analog Devices AD8347ARU Datasheet HTML 12Page - Analog Devices AD8347ARU Datasheet HTML 13Page - Analog Devices AD8347ARU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8347
Rev. A | Page 10 of 28
BASEBAND FREQUENCY (MHz)
–34
0
100
510
–24
15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95
–32
–30
–26
–28
–22
–20
–18
–16
–14
–12
–10
VS = 2.7V, TA = +85°C
VS = 2.7V,
TA = –40°C
VS = 5V, TA = +25°C
VS = 5V, TA = –40°C
VS = 2.7V, TA = +25°C
VS = 5V, TA = +85°C
VVGIN (V)
0.2
40
10
30
20
50
60
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
70
–30
–25
–20
–15
–10
–5
0
5
10
15
VS = 2.7V
VS = 2.7V
VS = 5V
0
VS = 5V
Figure 19. Noise Figure and IIP3 vs. VVGIN, Temperature = 25°C,
FLO = 1900 MHz, FBB = 1 MHz
Figure 16. IIP3 vs. FBB, VVGIN = 0.2 V, FLO = 1900 MHz
LO INPUT LEVEL (dBm)
–20
–0.5
–2.0
–1.0
–1.5
0
0.5
–18
–16
–14
–12
–10
–8
–6
–4
1.0
–2.5
–2
1.5
2.0
2.5
LO FREQUENCY = 1900MHz
LO FREQUENCY = 2700MHz
LO FREQUENCY = 800MHz
0
RF FREQUENCY (MHz)
800
40
20
25
35
30
45
50
1000
1200
1400
1600
1800
2000
2200
2400
2600
Figure 20. Quadrature Error vs. LO Power Level, Temperature = 25°C,
VVGIN = 0.2 V, VS = 5 V
Figure 17. IIP2 vs. FLO, VVGIN = 1.2 V, Baseband Tone1 = 5 MHz, −10 dBm,
Baseband Tone2 = 6 MHz, −10 dBm, Temperature = 25°C, VS = 5 V
LO INPUT LEVEL (dBm)
–20
11.0
9.5
10.5
10.0
11.5
12.0
–18
–16
–14
–12
–10
–8
–6
–4
12.5
9.0
–2
13.0
13.5
14.0
1900MHz
2700MHz
800MHz
0
LO FREQUENCY (MHz)
800
12.0
10.0
10.5
11.5
11.0
12.5
13.0
1000
1200
1400
1600
1800
2000
2200
2400
2600
VS = 2.7V
VS = 5V
Figure 21. Noise Figure vs. LO Input Level, Temperature = 25°C,
VVGIN = 0.2 V, VS = 5 V
Figure 18. Noise Figure vs. LO Frequency (FLO), Temperature = 25°C,
VVGIN = 0.2 V, FBB = 1 MHz


유사한 부품 번호 - AD8347ARU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8347ARU AD-AD8347ARU Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
AD8347ARU-REEL AD-AD8347ARU-REEL Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
AD8347ARU-REEL7 AD-AD8347ARU-REEL7 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
More results

유사한 설명 - AD8347ARU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Micronetics, Inc.
EL0037 MICRONETICS-EL0037 Datasheet
145Kb / 2P
   High Power Limiters 2.7 GHz to 2.9 GHz
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
TRF1123 TI-TRF1123_07 Datasheet
375Kb / 13P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com