전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9248BSTZRL-20 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9248BSTZRL-20
상세설명  14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9248BSTZRL-20 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9248BSTZRL-20 Datasheet HTML 5Page - Analog Devices AD9248BSTZRL-20 Datasheet HTML 6Page - Analog Devices AD9248BSTZRL-20 Datasheet HTML 7Page - Analog Devices AD9248BSTZRL-20 Datasheet HTML 8Page - Analog Devices AD9248BSTZRL-20 Datasheet HTML 9Page - Analog Devices AD9248BSTZRL-20 Datasheet HTML 10Page - Analog Devices AD9248BSTZRL-20 Datasheet HTML 11Page - Analog Devices AD9248BSTZRL-20 Datasheet HTML 12Page - Analog Devices AD9248BSTZRL-20 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD9248
Rev. B | Page 9 of 48
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
D5_A
46
D4_A
45
D3_A
42
D0_A (LSB)
43
D1_A
44
D2_A
48
D6_A
41
DRVDD
40
DRGND
39
OTR_B
37
D12_B
36
D11_B
35
D10_B
34
D9_B
33
D8_B
38 D13_B (MSB)
2
VIN+_A
3
VIN–_A
4
AGND
7
REFB_A
6
REFT_A
5
AVDD
1
AGND
8
VREF
9
SENSE
10
REFB_B
12
AVDD
13
AGND
14
VIN–_B
15
VIN+_B
16
AGND
11
REFT_B
PIN 1
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
AD9248
TOP VIEW
(Not to Scale)
64-LEAD LQFP
Figure 3. 64-Lead LQFP Pin Configuration
64-LEAD LFCSP
TOP VIEW
(Not to Scale)
D6_A
D5_A
D4_A
D3_A
D2_A
D1_A
D0_A (LSB)
DRGND
OTR_B
D13_B (MSB)
D12_B
D11_B
D10_B
D9_B
D8_B
AD9248
AGND
AVDD
REFT_A
REFB_A
VREF
SENSE
REFB_B
AGND
VIN–_B
VIN+_B
VIN+_A
VIN–_A
AVDD
REFT_B
AGND
AGND
DRVDD
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NOTES
1. THERE IS AN EXPOSED PAD THAT MUST CONNECT TO AGND.
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Figure 4. 64-Lead LFCSP Pin Configuration


유사한 부품 번호 - AD9248BSTZRL-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9248BSTZRL-20 AD-AD9248BSTZRL-20 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

유사한 설명 - AD9248BSTZRL-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com