전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8572ARZ-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8572ARZ-REEL
상세설명  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8572ARZ-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8572ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8572ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8572ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8572ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8572ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8572ARZ-REEL Datasheet HTML 12Page - Analog Devices AD8572ARZ-REEL Datasheet HTML 13Page - Analog Devices AD8572ARZ-REEL Datasheet HTML 14Page - Analog Devices AD8572ARZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8571/AD8572/AD8574
Rev. E | Page 11 of 24
100
10k
1k
100k
1M
FREQUENCY (Hz)
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS = ±2.5V
RL = 2kΩ
AV = 1
THD + N < 1%
TA = 25°C
Figure 37. Maximum Output Swing vs. Frequency
0V
VS = ±1.35V
AV = 120,000
1sec
50mV
Figure 38. 0.1 Hz to 10 Hz Noise
1sec
50mV
VS = ±2.5V
AV = 120,000
Figure 39. 0.1 Hz to 10 Hz Noise
VS = 2.7V
RS = 0Ω
312
364
208
260
104
156
52
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (kHz)
Figure 40. Voltage Noise Density from 0 Hz to 2.5 kHz
VS = 2.7V
RS = 0Ω
96
112
64
80
32
48
16
0
5
10
15
20
25
FREQUENCY (kHz)
Figure 41. Voltage Noise Density from 0 Hz to 25 kHz
VS = 5V
RS = 0Ω
156
182
104
130
52
78
26
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (kHz)
Figure 42. Voltage Noise Density from 0 Hz to 2.5 kHz


유사한 부품 번호 - AD8572ARZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8572ARZ-REEL AD-AD8572ARZ-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572ARZ-REEL AD-AD8572ARZ-REEL Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8572ARZ-REEL7 AD-AD8572ARZ-REEL7 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572ARZ-REEL7 AD-AD8572ARZ-REEL7 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

유사한 설명 - AD8572ARZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com